Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7058 Fiches technique(PDF) 181 Page - ams-OSRAM AG

No de pièce AS7058
Description  IC for PPG, ECG and body impedance measurement
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7058 Fiches technique(HTML) 181 Page - ams-OSRAM AG

Back Button AS7058 Datasheet HTML 177Page - ams-OSRAM AG AS7058 Datasheet HTML 178Page - ams-OSRAM AG AS7058 Datasheet HTML 179Page - ams-OSRAM AG AS7058 Datasheet HTML 180Page - ams-OSRAM AG AS7058 Datasheet HTML 181Page - ams-OSRAM AG AS7058 Datasheet HTML 182Page - ams-OSRAM AG AS7058 Datasheet HTML 183Page - ams-OSRAM AG AS7058 Datasheet HTML 184Page - ams-OSRAM AG AS7058 Datasheet HTML 185Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 199 page
background image
AS7058
Register description
Datasheet • PUBLIC • Document Feedback
DS001077 • v2-00 • 2025-Sep-24
181 / 199
/
8.16.2
FIFO_CTRL (Address 0xcb)
Table 199: FIFO_CTRL register
Addr: 0xcb
FIFO_CTRL
Bit
Bit name
Default
Access
Bit description
7
fifo_clear
0
RW
Write 1 here to clear the FIFO.
3
seq_sync_en
0
RW
Write Synchronization Information.
2
sinc_randext_en
1
RW
Enables SINC data extension with randomized bits,
otherwise zeros are inserted.
1
sar_data_en
0
RW
Write 4-bit SAR into SINC data Bit (3:0).
0
fifo_threshold[8]
0
RW
FIFO threshold Bit 8.
8.17
Miscellaneous
8.17.1
PRODUCT_ID (Address 0xeb)
Table 200: PRODUCT_ID register
Addr: 0xeb
PRODUCT_ID
Bit
Bit name
Default
Access
Bit description
5:1
otp_part_id
-
RO
Image of the OTP bit for part ID.
8.17.2
SILICON_ID (Address 0xec)
Table 201: SILICON_ID register
Addr: 0xec
SILICON_ID
Bit
Bit name
Default
Access
Bit description
7:0
silicon_id
0x92
RO
Silicon identification number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More