Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7058 Fiches technique(PDF) 84 Page - ams-OSRAM AG

No de pièce AS7058
Description  IC for PPG, ECG and body impedance measurement
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7058 Fiches technique(HTML) 84 Page - ams-OSRAM AG

Back Button AS7058 Datasheet HTML 80Page - ams-OSRAM AG AS7058 Datasheet HTML 81Page - ams-OSRAM AG AS7058 Datasheet HTML 82Page - ams-OSRAM AG AS7058 Datasheet HTML 83Page - ams-OSRAM AG AS7058 Datasheet HTML 84Page - ams-OSRAM AG AS7058 Datasheet HTML 85Page - ams-OSRAM AG AS7058 Datasheet HTML 86Page - ams-OSRAM AG AS7058 Datasheet HTML 87Page - ams-OSRAM AG AS7058 Datasheet HTML 88Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 199 page
background image
AS7058
Register description
Datasheet • PUBLIC • Document Feedback
DS001077 • v2-00 • 2025-Sep-24
84 / 199
/
8.3.7
STANDBY_EN1 register (Address 0x1e)
Table 29: STANDBY_EN1 register
Addr: 0x1e
STANDBY_EN1
Bit
Bit name
Default
Access
Bit description
7:0
stby_en1_time
4
RW
Time for Enable 1:
N * TCLK_32KHZ, N = 0...255
8.3.8
STANDBY_EN2 register (Address 0x1f)
Table 30: STANDBY_EN2 register
Addr: 0x1f
STANDBY_EN2
Bit
Bit name
Default
Access
Bit description
7:0
stby_en2_time
1
RW
Time for Enable2:
N * TCLK_32KHZ, N = 0...255
8.3.9
STANDBY_EN3 register (Address 0x20)
Table 31: STANDBY_EN3 register
Addr: 0x20
STANDBY_EN3
Bit
Bit name
Default
Access
Bit description
7:0
stby_en3_time
3
RW
Time for Enable3:
N * TCLK_32KHZ, N = 0...255



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More