| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7058 Fiches technique(PDF) 49 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7058 Fiches technique(HTML) 49 Page - ams-OSRAM AG |
|
49 / 199 page ![]() AS7058 Functional description Datasheet • PUBLIC • Document Feedback DS001077 • v2-00 • 2025-Sep-24 49 / 199 / The multiplexer can be configured via register ECGMOD_IMUX_SEL2 register by selecting ECG input instead of ECG_LPF setting. 7.7.1.1 Lead off detection The ECG Lead Off circuit is a differential current source intended to apply a stimulus for lead off detection to the ECG inputs. A simplified block diagram is depicted in Figure 42 below. The square waved stimulus current can be configured via register ECGAMP_LEADOFF_CURR register. The lead off clock which controls the lead off transistors is linked to the ECG/PPG Sequencer and half the sequencer clock frequency. With each clock cycle of the sequencer the polarity of the lead off current is changing resulting in a stimulus signal which is half the frequency of the ECG/PPG Sequencer clock. Figure 42: ECG lead off detection block diagram ECG_INP ECG_INN ECG_REF Preamplifier INA1 ECGAMP_INA1_GAIN ECG_IMUX_GAIN Buffer MOD 3 Current input delta-sigma Digital Comparator ECGMOD_IMUX_SEL2<2:0> LEADOFF_TH_RES<16:0> ECGP_LEAD ECGN_LEAD Lead Off Control ECGAMP_LEADOFF_CURR<6:0> LEADOFF_EDGE<1:0> LEADOFF_OVS<2:0> LEADOFF_EN |