| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7058 Fiches technique(PDF) 62 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7058 Fiches technique(HTML) 62 Page - ams-OSRAM AG |
|
62 / 199 page ![]() AS7058 Functional description Datasheet • PUBLIC • Document Feedback DS001077 • v2-00 • 2025-Sep-24 62 / 199 / 7.10.3.3 I²C write access Byte Write and Burst Write formats are used to write data to the slave. Figure 53: I²C byte write format Figure 54: I²C burst write format The transmission begins with the START condition, which is generated by the master when the bus is in an IDLE state (the bus is free). The device-write address is followed by the word address. After the word address, any number of data bytes can be sent to the slave. The word address is incremented internally to write subsequent data bytes on subsequent address locations. A DW S WA A reg_data P WA++ A A DW S WA A reg_data 1 A reg_data 2 A ... reg_data n P A WA++ WA++ WA++ |