| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7058 Fiches technique(PDF) 12 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7058 Fiches technique(HTML) 12 Page - ams-OSRAM AG |
|
12 / 199 page ![]() AS7058 Absolute maximum ratings Datasheet • PUBLIC • Document Feedback DS001077 • v2-00 • 2025-Sep-24 12 / 199 / Symbol Parameter Min Max Unit Comments MSL Moisture sensitivity level 1 According to JEDEC J-STD- 020E Represents a max. floor life time of unlimited tSTRG DOF Storage time for DOF/die or wafers on foil 3 months Refers to indicated date of packing (1) The reflow peak soldering temperature (body temperature) is specified according to IPC/JEDEC J-STD-020 “Moisture/Reflow Sensitivity Classification for Nonhermetic Solid State Surface Mount Devices.” The lead finish for Pb-free leaded packages is “Matte Tin” (100 % Sn). |