| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7058 Fiches technique(PDF) 61 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7058 Fiches technique(HTML) 61 Page - ams-OSRAM AG |
|
61 / 199 page ![]() AS7058 Functional description Datasheet • PUBLIC • Document Feedback DS001077 • v2-00 • 2025-Sep-24 61 / 199 / 7.10.3.2 I²C protocol The Table 13: I²C symbol definition table shows the symbols used in the coming mode descriptions. Table 13: I²C symbol definition Symbol Definition R/W Note S Start condition after stop R 1-bit Sr Repeated start R 1-bit DW Device address for write R 1010 1010b (AAh) DR Device address for read R 1010 1011b (ABh) WA Word address R 8-bit A Acknowledge W 1-bit N No acknowledge R 1-bit reg_data Register data/write R 8-bit data (n) Register data/read W 8-bit P Stop condition R 1-bit WA++ Increment word address internally R During acknowledge |