Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7058 Fiches technique(PDF) 87 Page - ams-OSRAM AG

No de pièce AS7058
Description  IC for PPG, ECG and body impedance measurement
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7058 Fiches technique(HTML) 87 Page - ams-OSRAM AG

Back Button AS7058 Datasheet HTML 83Page - ams-OSRAM AG AS7058 Datasheet HTML 84Page - ams-OSRAM AG AS7058 Datasheet HTML 85Page - ams-OSRAM AG AS7058 Datasheet HTML 86Page - ams-OSRAM AG AS7058 Datasheet HTML 87Page - ams-OSRAM AG AS7058 Datasheet HTML 88Page - ams-OSRAM AG AS7058 Datasheet HTML 89Page - ams-OSRAM AG AS7058 Datasheet HTML 90Page - ams-OSRAM AG AS7058 Datasheet HTML 91Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 199 page
background image
AS7058
Register description
Datasheet • PUBLIC • Document Feedback
DS001077 • v2-00 • 2025-Sep-24
87 / 199
/
8.3.16
STANDBY_EN10 register (Address 0x27)
Table 38: STANDBY_EN10 register
Addr: 0x27
STANDBY_EN10
Bit
Bit name
Default
Access
Bit description
7:0
stby_en10_time
1
RW
Time for Enable10:
N * TCLK_32KHZ, N = 0...255
8.3.17
STANDBY_EN11 register (Address 0x28)
Table 39: STANDBY_EN11 register
Addr: 0x28
STANDBY_EN11
Bit
Bit name
Default
Access
Bit description
7:5
stby_en11_time1
0
RW
Time1 for Enable11
0: time2_en11 is active,
Others: (N+1) * TCLK_32KHZ, N = 0...7
4:0
stby_en11_time2
16
RW
Time2 for Enable11:
N * TCLK_2MHZ, N = 0...31
8.3.18
STANDBY_EN12 register (Address 0x29)
Table 40: STANDBY_EN12 register
Addr: 0x29
STANDBY_EN12
Bit
Bit name
Default
Access
Bit description
7:5
stby_en12_time1
0
RW
Time1 for Enable12
0: time2_en12 is active,
Others: (N+1) * TCLK_32KHZ, N = 0...7
4:0
stby_en12_time2
16
RW
Time2 for Enable12:
N * TCLK_2MHZ, N = 0...31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More