Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7058 Fiches technique(PDF) 179 Page - ams-OSRAM AG

No de pièce AS7058
Description  IC for PPG, ECG and body impedance measurement
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7058 Fiches technique(HTML) 179 Page - ams-OSRAM AG

Back Button AS7058 Datasheet HTML 175Page - ams-OSRAM AG AS7058 Datasheet HTML 176Page - ams-OSRAM AG AS7058 Datasheet HTML 177Page - ams-OSRAM AG AS7058 Datasheet HTML 178Page - ams-OSRAM AG AS7058 Datasheet HTML 179Page - ams-OSRAM AG AS7058 Datasheet HTML 180Page - ams-OSRAM AG AS7058 Datasheet HTML 181Page - ams-OSRAM AG AS7058 Datasheet HTML 182Page - ams-OSRAM AG AS7058 Datasheet HTML 183Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 199 page
background image
AS7058
Register description
Datasheet • PUBLIC • Document Feedback
DS001077 • v2-00 • 2025-Sep-24
179 / 199
/
8.14.3
LEADOFF_THRESH (Address 0xc6)
Table 194: LEADOFF_THRESH register
Addr: 0xc6
LEADOFF_THRESH
Bit
Bit name
Default
Access
Bit description
7:0
leadoff_thres[15:8]
0
RW
Threshold for Leadoff (high byte).
8.15
IIR filter
8.15.1
IIR_CFG (Address 0xc7)
Table 195: IIR_CFG register
Addr: 0xc7
IIR_CFG
Bit
Bit name
Default
Access
Bit description
4
iir_enable
0
RW
IIR filter enable.
3:0
iir_num_sos
5
RW
IIR filter number of cascaded SOS structures.
Enumeration
Number of SOS Filter Order
0
1
2
1
2
4
2
3
6
3
4
8
4
5
10
5
6
12
6
7
14
7
8
16
8
9
18
9
10
20
10
11
22
11
12
24
Others
12
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More