Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7058 Fiches technique(PDF) 178 Page - ams-OSRAM AG

No de pièce AS7058
Description  IC for PPG, ECG and body impedance measurement
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7058 Fiches technique(HTML) 178 Page - ams-OSRAM AG

Back Button AS7058 Datasheet HTML 174Page - ams-OSRAM AG AS7058 Datasheet HTML 175Page - ams-OSRAM AG AS7058 Datasheet HTML 176Page - ams-OSRAM AG AS7058 Datasheet HTML 177Page - ams-OSRAM AG AS7058 Datasheet HTML 178Page - ams-OSRAM AG AS7058 Datasheet HTML 179Page - ams-OSRAM AG AS7058 Datasheet HTML 180Page - ams-OSRAM AG AS7058 Datasheet HTML 181Page - ams-OSRAM AG AS7058 Datasheet HTML 182Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 199 page
background image
AS7058
Register description
Datasheet • PUBLIC • Document Feedback
DS001077 • v2-00 • 2025-Sep-24
178 / 199
/
8.13.18
ECG_BIOZ (Address 0xc3)
Table 191: ECG_BIOZ register
Addr: 0xc3
ECG_BIOZ
Bit
Bit name
Default
Access
Bit description
2:0
ecg_bioz_ovs
0
RW
Oversampling after SINC/Average.
8.14
Lead-Off
8.14.1
LEADOFF_CFG (Address 0xc4)
Table 192: LEADOFF_CFG register
Addr: 0xc4
LEADOFF_CFG
Bit
Bit name
Default
Access
Bit description
5
leadoff_en
0
RW
Enable Leadoff.
0: Disable
1: Enable
4:3
leadoff_edge
0
RW
Enable Event for Generation Leadoff Interrupt.
Bit 0: Negedge Leadoff
Bit 1: Posedge Leadoff
2:0
leadoff_ovs
0
RW
Oversampling for Leadoff Off.
0-7: 1-8 Values for change Leadoff Status
8.14.2
LEADOFF_THRESL (Address 0xc5)
Table 193: LEADOFF_THRESL register
Addr: 0xc5
LEADOFF_THRESL
Bit
Bit name
Default
Access
Bit description
7:0
leadoff_thres[7:0]
0
RW
Threshold for Leadoff (low byte).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More