Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7058 Fiches technique(PDF) 29 Page - ams-OSRAM AG

No de pièce AS7058
Description  IC for PPG, ECG and body impedance measurement
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7058 Fiches technique(HTML) 29 Page - ams-OSRAM AG

Back Button AS7058 Datasheet HTML 25Page - ams-OSRAM AG AS7058 Datasheet HTML 26Page - ams-OSRAM AG AS7058 Datasheet HTML 27Page - ams-OSRAM AG AS7058 Datasheet HTML 28Page - ams-OSRAM AG AS7058 Datasheet HTML 29Page - ams-OSRAM AG AS7058 Datasheet HTML 30Page - ams-OSRAM AG AS7058 Datasheet HTML 31Page - ams-OSRAM AG AS7058 Datasheet HTML 32Page - ams-OSRAM AG AS7058 Datasheet HTML 33Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 199 page
background image
AS7058
Functional description
Datasheet • PUBLIC • Document Feedback
DS001077 • v2-00 • 2025-Sep-24
29 / 199
/
The number of samples used for the moving average filter varies from 2 samples up to 16
samples and can be configured with register MOVING_AVERAGE_VAL. The last processing
block, before that data is written to the FIFO memory, is a simple post-processing block. It
enables the detection of modulator saturation and manipulation of the saturated data with fixed
values. This function can be enabled via register ASAT_ON.
Figure 26: PPG signal processing overview
MOD 1
SINC Filter
4th/5th Order
Decimation Rates:
16; 32; 64; 128; 256
Oversampling
Filter
Scaling
21 bit signed -> 20 bit unsigned
21 bit
Moving
Average
20 bit
Post
Processing
FIFO
I2C
Data transfer
to host MCU
AAOC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More