Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7058 Fiches technique(PDF) 72 Page - ams-OSRAM AG

No de pièce AS7058
Description  IC for PPG, ECG and body impedance measurement
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7058 Fiches technique(HTML) 72 Page - ams-OSRAM AG

Back Button AS7058 Datasheet HTML 68Page - ams-OSRAM AG AS7058 Datasheet HTML 69Page - ams-OSRAM AG AS7058 Datasheet HTML 70Page - ams-OSRAM AG AS7058 Datasheet HTML 71Page - ams-OSRAM AG AS7058 Datasheet HTML 72Page - ams-OSRAM AG AS7058 Datasheet HTML 73Page - ams-OSRAM AG AS7058 Datasheet HTML 74Page - ams-OSRAM AG AS7058 Datasheet HTML 75Page - ams-OSRAM AG AS7058 Datasheet HTML 76Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 199 page
background image
AS7058
Register description
Datasheet • PUBLIC • Document Feedback
DS001077 • v2-00 • 2025-Sep-24
72 / 199
/
Addr
Name
<D7>
<D6>
<D5>
<D4>
<D3>
<D2>
<D1>
<D0>
0x2e
PWR_ISO
pwr_iso
0x2f
PWR_STAT
pwr_stat
CONTROL
0x31
I2C_MODE
i2c_fm_pl
us
0x32
INT_CFG
int_inv
int_e2
int_e4
reserved
int_pu
int_pd
0x33
IF_CFG
sda_e2
sda_e4
reserved
miso_e2
miso_e4
reserved
csxn_p
u
csxn_pd
0x34
GPIO_CFG1
gpio_inv
gpio_oe
n
reserved
gpio_e2
gpio_e4
reserved
gpio_p
u
gpio_pd
0x35
GPIO_CFG2
gpio_pinmap_sel
0x36
IO_CFG
extclk_
pu
extclk_pd
PPG MOD
0x37
PPGMOD_CFG1
ppgmod_opamp_ibia
s
0x39
PPGMOD_CFG3
ppgmod_reset_delay
ppgmod_clk
0x3a
PPGMOD1_CFG1
ppgmod
1_en
ppgmod
1_ios_m
ux
ppgmod
1_dsm_
ampl
ppgmod1_cint
0x3b
PPGMOD1_CFG2
ppgmod
1_ios_di
r
ppgmod1_ios_fs
ppgmod1_iref_scale
0x3c
PPGMOD1_CFG3
ppgmod1_iref
0x3d
PPGMOD2_CFG1
ppgmod
2_en
ppgmod
2_ios_m
ux
ppgmod
2_dsm_
ampl
ppgmod2_cint
0x3e
PPGMOD2_CFG2
ppgmod
2_ios_di
r
ppgmod2_ios_fs
ppgmod2_iref_scale
0x3f
PPGMOD2_CFG3
ppgmod2_iref
LED DRIVER
0x40
VCSEL_PASSWORD
vcsel_pas
sword
0x41
VCSEL_CFG
vcsel_w
d_disabl
e
vcsel_sa
fety_disa
ble
vcsel_vrsel
vcsel_short_vdd_wait
vcsel_short_vss_wait
0x42
VCSEL_MODE
vcsel_mode
0x43
LED_CFG
led_wd_di
sable
0x44
LED_DRV1
drv1_fas
t_tr
drv1_bias
0x45
LED_DRV2
drv2_fas
t_tr
drv2_bias
0x46
LED1_ICTRL
led1_ictrl
0x47
LED2_ICTRL
led2_ictrl
0x48
LED3_ICTRL
led3_ictrl
0x49
LED4_ICTRL
led4_ictrl
0x4a
LED5_ICTRL
led5_ictrl



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More