Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7058 Fiches technique(PDF) 183 Page - ams-OSRAM AG

No de pièce AS7058
Description  IC for PPG, ECG and body impedance measurement
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7058 Fiches technique(HTML) 183 Page - ams-OSRAM AG

Back Button AS7058 Datasheet HTML 179Page - ams-OSRAM AG AS7058 Datasheet HTML 180Page - ams-OSRAM AG AS7058 Datasheet HTML 181Page - ams-OSRAM AG AS7058 Datasheet HTML 182Page - ams-OSRAM AG AS7058 Datasheet HTML 183Page - ams-OSRAM AG AS7058 Datasheet HTML 184Page - ams-OSRAM AG AS7058 Datasheet HTML 185Page - ams-OSRAM AG AS7058 Datasheet HTML 186Page - ams-OSRAM AG AS7058 Datasheet HTML 187Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 199 page
background image
AS7058
Register description
Datasheet • PUBLIC • Document Feedback
DS001077 • v2-00 • 2025-Sep-24
183 / 199
/
8.17.6
STATUS_CGB (Address 0xf1)
Table 205: STATUS_CGB register
Addr: 0xf1
STATUS_CGB
Bit
Bit name
Default
Access
Bit description
1
pll_lock
0
RO
PLL locked state indicator.
0
clk_pll_ok
0
RO
Status indicator of CLK20M.
8.17.7
STATUS_SEQ (Address 0xf2)
Table 206: STATUS_SEQ register
Addr: 0xf2
STATUS_SEQ
Bit
Bit name
Default
Access
Bit description
1
seq_end
0
RO
Measurement was stopped.
0
seq_error
0
RO
Measurement of a sample was not started.
Sample frequency is too high.
8.17.8
STATUS_LED (Address 0xf3)
Table 207: STATUS_LED register
Addr: 0xf3
STATUS_LED
Bit
Bit name
Default
Access
Bit description
7:0
led_lowvds
0
RO
If active, the LED current does not reach the expected
value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More