Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7058 Fiches technique(PDF) 8 Page - ams-OSRAM AG

No de pièce AS7058
Description  IC for PPG, ECG and body impedance measurement
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7058 Fiches technique(HTML) 8 Page - ams-OSRAM AG

Back Button AS7058 Datasheet HTML 4Page - ams-OSRAM AG AS7058 Datasheet HTML 5Page - ams-OSRAM AG AS7058 Datasheet HTML 6Page - ams-OSRAM AG AS7058 Datasheet HTML 7Page - ams-OSRAM AG AS7058 Datasheet HTML 8Page - ams-OSRAM AG AS7058 Datasheet HTML 9Page - ams-OSRAM AG AS7058 Datasheet HTML 10Page - ams-OSRAM AG AS7058 Datasheet HTML 11Page - ams-OSRAM AG AS7058 Datasheet HTML 12Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 199 page
background image
AS7058
Pin assignment
Datasheet • PUBLIC • Document Feedback
DS001077 • v2-00 • 2025-Sep-24
8 / 199
/
3
Pin assignment
3.1
Pin diagram
Figure 2: Pin diagram of AS7058 / AS7058A (Top View)
A1
LED5
A2
LED7
A3
LED8
A4
LED4
A5
LED3
A6
LED1
B1
LED6
B2
PGND2
B3
EXTCLK_
SYNC
B4
CSXN
B5
PGND1
B6
LED2
C1
VCSELA
C2
VCSELS
C3
GPIO
C4
MISO
C5
SDA_MO
SI
C6
SCL
D1
BIOZ3
D2
BIOZ1
D3
PD6
D4
PD4
D5
INT
D6
DGND
E1
BIOZ4
E2
BIOZ2
E3
PD8
E4
PD1
E5
IOVDD
E6
DVDD
F1
AVDD2
F2
AGND2
F3
PD7
F4
PD3
F5
ECG_REF
F6
ECG_INP
G1
PDREF
G2
PD5
G3
PD2
G4
AVDD1
G5
AGND1
G6
ECG_INN
Digital I/O Pins
Analog Pins
Power Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More