| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7058 Fiches technique(PDF) 32 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7058 Fiches technique(HTML) 32 Page - ams-OSRAM AG |
|
32 / 199 page ![]() AS7058 Functional description Datasheet • PUBLIC • Document Feedback DS001077 • v2-00 • 2025-Sep-24 32 / 199 / Figure 29: PPG sample structure and configuration options The second parameter which applies to all enabled subsamples are the settings for the SINC decimation filter and oversampling settings for ADC1 and ADC2 which can be configured in PPG_SINC_DEC, PPG_SINC_OVS and PPG_SEL_ORDER. In addition to the oversampling and LED current settings the LED assignment (LED_SUBx) as well as the measurement mode (PPG_MODE_x) for each subsample is a setting which is used for both ADC channels like it is shown in Figure 29. In order to maintain best dynamic range and noise behavior it is also important that the current range for ADC1 and ADC2 is configured accordingly. The current range configuration for each ADC applies also to all subsamples in a PGG measurement and can be configured with registers PPGMOD1_IOS_FS and PPGMOD2_IOS_FS. PPG Sequencer PPG Sample PPG Sample PPG Sample PPG Sample Period PPG Sample Period t Subsample 1 Subsample 2 Subsample 3 Subsample 4 Subsample 5 Subsample 6 Subsample 7 Subsample 8 LED input channel 1 – current settings PPG ADC 1 and ADC 2 SINC Filter Downsampler Setting SUB 1 LED Selection SUB 2 LED Selection SUB 3 LED Selection SUB 4 LED Selection SUB 5 LED Selection SUB 6 LED Selection SUB 7 LED Selection SUB 8 LED Selection PPG ADC 1 current range SUB 1 MOD 1 PD Selection SUB 2 MOD 1 PD Selection SUB 3 MOD 1 PD Selection SUB 4 MOD 1 PD Selection SUB 5 MOD 1 PD Selection SUB 6 MOD 1 PD Selection SUB 7 MOD 1 PD Selection SUB 8 MOD 1 PD Selection SUB 1 MOD 1 DAC Offset SUB 2 MOD 1 DAC Offset SUB 3 MOD 1 DAC Offset SUB 4 MOD 1 DAC Offset SUB 5 MOD 1 DAC Offset SUB 6 MOD 1 DAC Offset SUB 7 MOD 1 DAC Offset SUB 8 MOD 1 DAC Offset PPG ADC 2 current range SUB 1 MOD 2 PD Selection SUB 2 MOD 2 PD Selection SUB 3 MOD 2 PD Selection SUB 4 MOD 2 PD Selection SUB 5 MOD 2 PD Selection SUB 6 MOD 2 PD Selection SUB 7 MOD 2 PD Selection SUB 8 MOD 2 PD Selection SUB 1 MOD 2 DAC Offset SUB 2 MOD 2 DAC Offset SUB 3 MOD 2 DAC Offset SUB 4 MOD 2 DAC Offset SUB 5 MOD 2 DAC Offset SUB 6 MOD 2 DAC Offset SUB 7 MOD 2 DAC Offset SUB 8 MOD 2 DAC Offset PPG Sample Structure and Configuration SUB 1 M. Mode SUB 2 M. Mode SUB 3 M. Mode SUB 4 M. Mode SUB 5 M. Mode SUB 6 M. Mode SUB 7 M. Mode SUB 8 M. Mode |