Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7058 Fiches technique(PDF) 93 Page - ams-OSRAM AG

No de pièce AS7058
Description  IC for PPG, ECG and body impedance measurement
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7058 Fiches technique(HTML) 93 Page - ams-OSRAM AG

Back Button AS7058 Datasheet HTML 89Page - ams-OSRAM AG AS7058 Datasheet HTML 90Page - ams-OSRAM AG AS7058 Datasheet HTML 91Page - ams-OSRAM AG AS7058 Datasheet HTML 92Page - ams-OSRAM AG AS7058 Datasheet HTML 93Page - ams-OSRAM AG AS7058 Datasheet HTML 94Page - ams-OSRAM AG AS7058 Datasheet HTML 95Page - ams-OSRAM AG AS7058 Datasheet HTML 96Page - ams-OSRAM AG AS7058 Datasheet HTML 97Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 199 page
background image
AS7058
Register description
Datasheet • PUBLIC • Document Feedback
DS001077 • v2-00 • 2025-Sep-24
93 / 199
/
8.4.5
GPIO_CFG2 (Address 0x35)
Table 50: GPIO_CFG2 register
Addr: 0x35
GPIO_CFG2
Bit
Bit name
Default
Access
Bit description
2:0
gpio_pinmap_sel
0
RW
Pinmap multiplexer for GPIO.
If gpio_oen = 1, select the signal which is driven to the
GPIO.
0: gpio_out
1: led_on
2: standby_en5
3: 0
Others: Reserved
8.4.6
IO_CFG (Address 0x36)
Table 51: IO_CFG register
Addr: 0x36
IO_CFG
Bit
Bit name
Default
Access
Bit description
1
extclk_pu
0
RW
PU = 1 -> pull-up at EXTCLK_SYNC pin
0
extclk_pd
0
RW
PD = 1 -> pull-down at EXTCLK_SYNC pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More