| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7058 Fiches technique(PDF) 180 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7058 Fiches technique(HTML) 180 Page - ams-OSRAM AG |
|
180 / 199 page ![]() AS7058 Register description Datasheet • PUBLIC • Document Feedback DS001077 • v2-00 • 2025-Sep-24 180 / 199 / 8.15.2 IIR_COEFF_ADDR (Address 0xc8) Table 196: IIR_COEFF_ADDR register Addr: 0xc8 IIR_COEFF_ADDR Bit Bit name Default Access Bit description 6:0 iir_coeff_addr 0 R_PUSH RAM for coefficient address. 8.15.3 IIR_COEFF_DATA (Address 0xc9) Table 197: IIR_COEFF_DATA register Addr: 0xc9 IIR_COEFF_DATA Bit Bit name Default Access Bit description 7:0 iir_coeff_data 0 R_PUSH RAM for coefficient data. 8.16 FIFO 8.16.1 FIFO_THRESHOLD (Address 0xca) Table 198: FIFO_THRESHOLD register Addr: 0xca FIFO_THRESHOLD Bit Bit name Default Access Bit description 7:0 fifo_threshold[7:0] 64 RW FIFO threshold Bit 7:0 0 = Interrupt on one sample |