Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OPS2 Fiches technique(PDF) 106 Page - ABB

No de pièce OPS2
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ABB [ABB]
Site Internet  http://www.abb.com
Logo ABB - ABB

OPS2 Fiches technique(HTML) 106 Page - ABB

Back Button OPS2 Datasheet HTML 102Page - ABB OPS2 Datasheet HTML 103Page - ABB OPS2 Datasheet HTML 104Page - ABB OPS2 Datasheet HTML 105Page - ABB OPS2 Datasheet HTML 106Page - ABB OPS2 Datasheet HTML 107Page - ABB OPS2 Datasheet HTML 108Page - ABB OPS2 Datasheet HTML 109Page - ABB OPS2 Datasheet HTML 110Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 192 page
background image
Side operated switch-disconnectors OT160...800, base mounting, IEC
—
Manual switch-disconnectors OT160...4000
Dimensional drawings
51
2,01
180
7,09
A1
B1
C1
60
2,36
175
6,89
69
2,72
144
5,67
160
6,3
90
3,54
M5
3/16
107
4,22
13,5
0,53
65
2,56
6
0,24
23
0,91
204
8,04
116
4,57
65
2,56
B (OT600/800_)
A (OT600/800_K)
39
1,54
173/118
6,81/4,65 62
2,44
110/4,23
130/5,12
8,16
207
145
5,71
9,85
250
56/133
2,20/5,24
76
2,99
5
0,20
45
1,77
5,5
0,22
M00147/OT600-800ES01_04 C
OT600/630/800_, OT600/630/800_K
[mm/in]
ES01/US01
ES02/US02
ES03/US03
ES04/US04
A
211/8,31
276/10,87
341/13,43
406/16
B
186/7,33
251/9,89
316/12,45
381/15,01
A1
140/5,51
205/8,08
270/10,64
335/13,2
B1
158/6,22
223/8,79
288/11,34
353/13,91
C1
176/6,93
241/9,49
306/12,06
371/14,62
51
2,01
180
7,09
A1
B1
C1
60
2,36
175
6,89
69
2,72
144
5,67
160
6,3
90
3,54
M5
3/16
107
4,22
13,5
0,53
65
2,56
6
0,24
23
0,91
204
8,04
116
4,57
65
2,56
B (OT600/800_)
A (OT600/800_K)
39
1,54
173/118
6,81/4,65 62
2,44
110/4,23
130/5,12
8,16
207
145
5,71
9,85
250
56/133
2,20/5,24
76
2,99
5
0,20
45
1,77
5,5
0,22
M00147/OT600-800ES01_04 C
OT600/630/800_, OT600/630/800_K
[mm/in]
ES01/US01
ES02/US02
ES03/US03
ES04/US04
A
211/8,31
276/10,87
341/13,43
406/16
B
186/7,33
251/9,89
316/12,45
381/15,01
A1
140/5,51
205/8,08
270/10,64
335/13,2
B1
158/6,22
223/8,79
288/11,34
353/13,91
C1
176/6,93
241/9,49
306/12,06
371/14,62
OT630ES_ and OT800ES_
Main dimensions mm, inches
OT600/630/800_, OT600/630/800_K
[mm/in]
ES01/US01 ES02/US02 ES03/US03 ES04/US04
A
211/8,31
276/10,87
341/13,43
406/16
B
186/7,33
251/9,89
316/12,45
381/15,01
A1
140/5,51
205/8,08
270/10,64
335/13,2
B1
158/6,22
223/8,79
288/11,34
353/13,91
C1
176/6,93
241/9,49
306/12,06
371/14,62
M00147/OT600-800ES01_04 C
106
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
106
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION