Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OPS2 Fiches technique(PDF) 103 Page - ABB

No de pièce OPS2
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ABB [ABB]
Site Internet  http://www.abb.com
Logo ABB - ABB

OPS2 Fiches technique(HTML) 103 Page - ABB

Back Button OPS2 Datasheet HTML 99Page - ABB OPS2 Datasheet HTML 100Page - ABB OPS2 Datasheet HTML 101Page - ABB OPS2 Datasheet HTML 102Page - ABB OPS2 Datasheet HTML 103Page - ABB OPS2 Datasheet HTML 104Page - ABB OPS2 Datasheet HTML 105Page - ABB OPS2 Datasheet HTML 106Page - ABB OPS2 Datasheet HTML 107Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 192 page
background image
—
Manual switch-disconnectors OT160...4000
Dimensional drawings
Front operated switch-disconnectors OT1000...4000, base mounting, IEC
ON
OFF
0
T
*)
*)
115
4,53
B
M8
50
1,97
133
5,24
42
1,65
A
87
3,43
*)N3 types
5/16
146
5,75
132
5,2
6
0,24
*)
410
16,15
85
3,35
13,5
0,53
6
0,24
50
1,97
100
3,94
40/1,57
20/0,79
42
1,65
257
10,12
B1
ON
OFF
0
T
28
1,10
266
10,48
A1
ON
OFF
0
T
55
2,17
210
8,21
C1
ON
OFF
0
T
OT3200E_, 4000E_
[mm/in]
01
02
03
04
03W8
04W8
A
140/5,51
140/5,51
140/5,51
185/7,28
185/7,28
B
234/9,21 374/14,72 514/20,24 654/25,75 604/23,78 789/31,06
A1
195/7,68 335/13,19 475/18,70 615/24,21 565/22,24 750/29,53
B1
224/8,82 364/14,33 504/19,84 644/25,35 594/23,39 779/30,67
C1 250/9,84 390/15,35 530/20,87 670/26,38 805/31,69 619/24,37
M00421/OT3200_4000E01-04 E
5
0,20
5
0,20
245/9,65
141/5,55
223
8,79
156,5
6,16
90/3,54
85/3,35
15/0,59
20/0,79
OT3200
OT4000E_
410
16,15
240
9,45
10
0,39
170,5
6,72
100,5
3,96
141/5,55
193,5/7,62
240,5/9,47
274
10,79
80
3,15
12
0,47
54
2,13
70
2,76
9,89...14,97
251...380 (OXP12x280)
OT3200...4000E_
ON
OFF
0
T
*)
*)
115
4,53
B
M8
50
1,97
133
5,24
42
1,65
A
87
3,43
*)N3 types
5/16
146
5,75
132
5,2
6
0,24
*)
410
16,15
85
3,35
13,5
0,53
6
0,24
50
1,97
100
3,94
40/1,57
20/0,79
42
1,65
257
10,12
B1
ON
OFF
0
T
28
1,10
266
10,48
A1
ON
OFF
0
T
55
2,17
210
8,21
C1
ON
OFF
0
T
OT3200E_, 4000E_
[mm/in]
01
02
03
04
03W8
04W8
A
140/5,51
140/5,51
140/5,51
185/7,28
185/7,28
B
234/9,21 374/14,72 514/20,24 654/25,75 604/23,78 789/31,06
A1
195/7,68 335/13,19 475/18,70 615/24,21 565/22,24 750/29,53
B1
224/8,82 364/14,33 504/19,84 644/25,35 594/23,39 779/30,67
C1 250/9,84 390/15,35 530/20,87 670/26,38 805/31,69 619/24,37
M00421/OT3200_4000E01-04 E
5
0,20
5
0,20
245/9,65
141/5,55
223
8,79
156,5
6,16
90/3,54
85/3,35
15/0,59
20/0,79
OT3200
OT4000E_
410
16,15
240
9,45
10
0,39
170,5
6,72
100,5
3,96
141/5,55
193,5/7,62
240,5/9,47
274
10,79
80
3,15
12
0,47
54
2,13
70
2,76
9,89...14,97
251...380 (OXP12x280)
Main dimensions mm, inches
OT3200E_, 4000E_
[mm/in]
01
02
03
04
03W8
04W8
A
140/5,51
140/5,51
140/5,51
185/7,28
185/7,28
B
234/9,21
374/14,72
514/20,24
654/25,75
604/23,78
789/31,06
A1
195/7,68
335/13,19
475/18,70
615/24,21
565/22,24
750/29,53
B1
224/8,82
364/14,33
504/19,84
644/25,35
594/23,39
779/30,67
C1
250/9,84
390/15,35
530/20,87
670/26,38
805/31,69
619/24,37
M00421/OT3200_4000E01-04 E
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
103
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
103