| Moteur de recherche de fiches techniques de composants électroniques |
|
OPS2 Fiches technique(PDF) 108 Page - ABB |
|
|
|||||||||||||||||||||||||||||
OPS2 Fiches technique(HTML) 108 Page - ABB |
|
108 / 192 page ![]() Front operated earthing switches OT1000...2500, with wide phase distance, bottom mounted, IEC — Manual switch-disconnectors OT160...4000 Dimensional drawings 376,5 85 6 13,5 40 20 25 25 A 220 42 M4 206 100 120 48 B 223 57 B1 176 44 C2 232 72 A1 167 15 109,5 107 168 8 min 20 14 8 108 178 Ø 22 127 167 12 429...558 ( OXP12x465 ) 54 80 70 274 257 M07013/M00349/OT2500EM03 B OT2000/2500EM_ [mm/in] 01 02 03 04 03W4 04W4 03W8 04W8 A 235,5/9,27 361,5/14,23 487,5/19,19 613,5/24,15 515,5/20,30 655,5/25,81 605,5/23,84 790,5/31,12 B 126/4,96 126/4,96 126/4,96 140/5,51 140/5,51 185/7,28 185/7,28 A196/3,78222/8,74348/13,70 474/18,66 376/14,80 516/20,31 466/18,35 651/25,63 B1126/4,96252/9,92378/14,88 504/19,84 406/15,98 546/21,50 496/19,53 681/26,81 C1 152/5,98 278/10,94 404/15,91 530/20,87 432/17,01 572/22,52 522/20,55 707/27,83 OT2000...2500EM_ Main dimensions mm, inches OT2000/2500EM_ [mm/in] 01 02 03 04 03W4 04W4 03W8 04W8 A 235,5/9,27 361,5/14,23 487,5/19,19 613,5/24,15 515,5/20,30 655,5/25,81 605,5/23,84 790,5/31,12 B 126/4,96 126/4,96 126/4,96 140/5,51 140/5,51 185/7,28 185/7,28 A1 96/3,78 222/8,74 348/13,70 474/18,66 376/14,80 516/20,31 466/18,35 651/25,63 B1 126/4,96 252/9,92 378/14,88 504/19,84 406/15,98 546/21,50 496/19,53 681/26,81 C1 152/5,98 278/10,94 404/15,91 530/20,87 432/17,01 572/22,52 522/20,55 707/27,83 M07013/M00349/OT2500EM03 B 108 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 108 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION |