Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OPS2 Fiches technique(PDF) 105 Page - ABB

No de pièce OPS2
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ABB [ABB]
Site Internet  http://www.abb.com
Logo ABB - ABB

OPS2 Fiches technique(HTML) 105 Page - ABB

Back Button OPS2 Datasheet HTML 101Page - ABB OPS2 Datasheet HTML 102Page - ABB OPS2 Datasheet HTML 103Page - ABB OPS2 Datasheet HTML 104Page - ABB OPS2 Datasheet HTML 105Page - ABB OPS2 Datasheet HTML 106Page - ABB OPS2 Datasheet HTML 107Page - ABB OPS2 Datasheet HTML 108Page - ABB OPS2 Datasheet HTML 109Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 192 page
background image
—
Manual switch-disconnectors OT160...4000
Dimensional drawings
ON
O
OFF
104
4,1
52
2,05
C1
ON
O
OFF
135
5,32
43
1,69
B1
ON
O
OFF
34
1,34
140
5,51
A1
60
2,36
4
0,16
32,5
1,28
185
7,29
45
1,77
95
3,74
104
4,1
140
5,51
79,5
3,13
126/51,5
6
0,24
ON
O
OFF
86
3,39
48
1,89
11
0,43
5
0,20
15
0,59
120
4,73
70
2,76
82
3,23
44
1,73
25
0,98
B (OT315/400_)
A (OT315/400_K)
155
6,11
43
1,69
M5
M00145/OT315-400ES01_-04_ A
OT315/400_, OT315/400_K
[mm/in] ES01
ES02
ES03
ES04
A
163/6,42
207/8,16
251/9,89
295/11,62
B
138/5,44
182/7,17
226/8,9
270/10,64
A195/3,74139/5,48 183/7,21
227/8,94
B1113/4,45157/6,18201/7,92
245/9,65
C1
131/5,16
175/6,89
219/8,63
263/10,36
ON
O
OFF
104
4,1
52
2,05
C1
ON
O
OFF
135
5,32
43
1,69
B1
ON
O
OFF
34
1,34
140
5,51
A1
60
2,36
4
0,16
32,5
1,28
185
7,29
45
1,77
95
3,74
104
4,1
140
5,51
79,5
3,13
126/51,5
6
0,24
ON
O
OFF
86
3,39
48
1,89
11
0,43
5
0,20
15
0,59
120
4,73
70
2,76
82
3,23
44
1,73
25
0,98
B (OT315/400_)
A (OT315/400_K)
155
6,11
43
1,69
M5
M00145/OT315-400ES01_-04_ A
OT315/400_, OT315/400_K
[mm/in] ES01
ES02
ES03
ES04
A
163/6,42
207/8,16
251/9,89
295/11,62
B
138/5,44
182/7,17
226/8,9
270/10,64
A195/3,74139/5,48 183/7,21
227/8,94
B1113/4,45157/6,18201/7,92
245/9,65
C1
131/5,16
175/6,89
219/8,63
263/10,36
OT315ES_ and OT400ES_
Side operated switch-disconnectors OT160...800, base mounting, IEC
Main dimensions mm, inches
OT315/400_, OT315/400_K
[mm/in] ES01
ES02
ES03
ES04
A
163/6,42
207/8,16
251/9,89
295/11,62
B
138/5,44
182/7,17
226/8,9
270/10,64
A1
95/3,74
139/5,48
183/7,21
227/8,94
B1
113/4,45
157/6,18
201/7,92
245/9,65
C1
131/5,16
175/6,89
219/8,63
263/10,36
M00145/OT315-400ES01_-04_ A
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
105
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
105