Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OPS2 Fiches technique(PDF) 95 Page - ABB

No de pièce OPS2
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ABB [ABB]
Site Internet  http://www.abb.com
Logo ABB - ABB

OPS2 Fiches technique(HTML) 95 Page - ABB

Back Button OPS2 Datasheet HTML 91Page - ABB OPS2 Datasheet HTML 92Page - ABB OPS2 Datasheet HTML 93Page - ABB OPS2 Datasheet HTML 94Page - ABB OPS2 Datasheet HTML 95Page - ABB OPS2 Datasheet HTML 96Page - ABB OPS2 Datasheet HTML 97Page - ABB OPS2 Datasheet HTML 98Page - ABB OPS2 Datasheet HTML 99Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 192 page
background image
—
Manual switch-disconnectors OT160...4000
Dimensional drawings
Front operated switch-disconnectors OT160...800 with wide phase distance, base mounting, IEC
OT315_WP and OT400_WP
70
M5
26
58
Ø11
5
12,5
150
75
54
A
25
140 120
220
185
33
40
(OXP 12x185)
165...245
85
22
20 min
M00019/OT400U/E01_04W/ES G
OT315/400
[mm]
E01W
E02W
E03W
E04W
A
113
167
221
275
A1
88
142
196
250
B1106
160
214
268
C1124
178
232
286
Remark: Dimension drawings for types
OT1000_W_P...OT1600_W_P, see page
98 and OT2000...2500_W_P, see page
101.
70
M5
26
58
Ø11
5
12,5
150
75
54
A
25
140 120
220
185
33
40
(OXP 12x185)
165...245
85
22
20 min
M00019/OT400U/E01_04W/ES G
OT315/400
[mm]
E01W
E02W
E03W
E04W
A
113
167
221
275
A1
88
142
196
250
B1106
160
214
268
C1124
178
232
286
Main dimensions mm
OT315/400
[mm]
E01W
E02W
E03W
E04W
A
113
167
221
275
A1
88
142
196
250
B1
106
160
214
268
C1
124
178
232
286
M00019/OT400U/E01_04W/ES G
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
95
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
95