Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OPS2 Fiches technique(PDF) 97 Page - ABB

No de pièce OPS2
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ABB [ABB]
Site Internet  http://www.abb.com
Logo ABB - ABB

OPS2 Fiches technique(HTML) 97 Page - ABB

Back Button OPS2 Datasheet HTML 93Page - ABB OPS2 Datasheet HTML 94Page - ABB OPS2 Datasheet HTML 95Page - ABB OPS2 Datasheet HTML 96Page - ABB OPS2 Datasheet HTML 97Page - ABB OPS2 Datasheet HTML 98Page - ABB OPS2 Datasheet HTML 99Page - ABB OPS2 Datasheet HTML 100Page - ABB OPS2 Datasheet HTML 101Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 192 page
background image
—
Manual switch-disconnectors OT160...4000
Dimensional drawings
Front operated switch-disconnectors OT160...800, base mounting, IEC
OT630_K and OT800_K
6,30
23,5
0,93
180
7,09
A1
32,5
1,28
175,2
6,90
B1
41,5
1,63
144
5,67
C1
mm
in
180
7,07
160
3,54
90
1,28
32,5
65
2,56
13,5
0,53
65
2,56
6
0,24
88,5
3,84
65
2,56
A
39
1,54
7,80
198
0,79
20
61,5/138,6
2,42/5,46
110,5
4,35
60,4
2,38
5
0,20
45
1,77
250
9,84
5
0,20
17
0,67
145
5,71
114
4,49
157
6,18
43
1,69
M00096/13*OT630-800_01-04K/ES A
OT630/800
[mm/in] E01K
E02K
E03K
E04K
A
136/5,35
201/7,91
266/10,47
331/13,03
A1
112/4,41
177/6,97
242/9,53
307/12,09
B1130/5,12195/7,68 260/10,24
325/12,80
C1148/5,83213/8,39 278/10,95
343/13,50
6,30
23,5
0,93
180
7,09
A1
32,5
1,28
175,2
6,90
B1
41,5
1,63
144
5,67
C1
mm
in
180
7,07
160
3,54
90
1,28
32,5
65
2,56
13,5
0,53
65
2,56
6
0,24
88,5
3,84
65
2,56
A
39
1,54
7,80
198
0,79
20
61,5/138,6
2,42/5,46
110,5
4,35
60,4
2,38
5
0,20
45
1,77
250
9,84
5
0,20
17
0,67
145
5,71
114
4,49
157
6,18
43
1,69
M00096/13*OT630-800_01-04K/ES A
OT630/800
[mm/in] E01K
E02K
E03K
E04K
A
136/5,35
201/7,91
266/10,47
331/13,03
A1
112/4,41
177/6,97
242/9,53
307/12,09
B1130/5,12195/7,68 260/10,24
325/12,80
C1148/5,83213/8,39 278/10,95
343/13,50
Main dimensions mm, inches
OT630/800
[mm] E01K
E02K
E03K
E04K
A
136/5,35
201/7,91
266/10,47 331/13,03
A1
112/4,41
177/6,97
242/9,53
307/12,09
B1
130/5,12
195/7,68
260/10,24 325/12,80
C1
148/5,83
213/8,39
278/10,95 343/13,50
M00096/13*OT630-800_01-04K/ES A
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
97
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
97