Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OPS2 Fiches technique(PDF) 36 Page - ABB

No de pièce OPS2
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ABB [ABB]
Site Internet  http://www.abb.com
Logo ABB - ABB

OPS2 Fiches technique(HTML) 36 Page - ABB

Back Button OPS2 Datasheet HTML 32Page - ABB OPS2 Datasheet HTML 33Page - ABB OPS2 Datasheet HTML 34Page - ABB OPS2 Datasheet HTML 35Page - ABB OPS2 Datasheet HTML 36Page - ABB OPS2 Datasheet HTML 37Page - ABB OPS2 Datasheet HTML 38Page - ABB OPS2 Datasheet HTML 39Page - ABB OPS2 Datasheet HTML 40Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 192 page
background image
—
Manual switch-disconnectors OT16...160
Dimensional drawings
OT160G switch-disconnectors, IEC and UL/CSA
Protection and Connection
ABB Oy
Piirustus No.
Document No.
Teki
Prepared
13/OT160G_
E
2017-11-14
J Lehtimäki/T Mäkkylä
77
3.03
16,7
0.66
53,6
2.11
52
2.05
65
2.56
36
1.42
23
0.91
30,5
1.20
61,6
2.43
11,4
0.45
12 min
0.47
45
1.77
9,6
0.38
45
1.77
65
2.56
230...248 / 9.06...9.77
( OXP 6x210)
33
1.30
27
1.06
27
1.06
16,5
0.65
86
3.39
7
0.28
3-pole: 72/ 2.83
4-pole: 99/ 3.90
3-pole: 70.5/ 2.78
4-pole: 97.5/ 3.84
3-pole: 123/4.85
4-pole: 150/ 5.91
72
2.83
4,5
0.18
19,5
0.77
11
0.43
65
2.56
130
5.12
80,1
3.15
123
4.84
76,1
3.00
110
4.33
41,5
1.63
mm
in
6 / 0.24
6 / 0.24
I ON
OT160G03/04_
4,5
0.18
3-pole: 123/ 4.85
4-pole: 150/ 5.91
3-pole: 72/ 2.83
4-pole: 99/ 3.90
3-pole: 70,5/ 2.78
4-pole: 97,5/ 3.84
7
0,28
27
1.06
27
1.06
80
3.15
110
4.33
123
4.85
12
0.47
8
0.31
65
2.56
45
1.77
65
2.56
130
5.12
35
1.38
3-pole: 138,5/ 5.46
4-pole: 165,5/ 6.52
73
2.87
76
2.99
41
1.61
53,5
2.11
56
2.20
27
1.06
28
1.10
56
2.20
49,5
1.95
28
1.10
65
2.56
86
3.39
mm
in
45
1.77
6
0.24
OT160GT03/04_
Main dimensions mm, inches
36
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
36
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION