Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OPS2 Fiches technique(PDF) 56 Page - ABB

No de pièce OPS2
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ABB [ABB]
Site Internet  http://www.abb.com
Logo ABB - ABB

OPS2 Fiches technique(HTML) 56 Page - ABB

Back Button OPS2 Datasheet HTML 52Page - ABB OPS2 Datasheet HTML 53Page - ABB OPS2 Datasheet HTML 54Page - ABB OPS2 Datasheet HTML 55Page - ABB OPS2 Datasheet HTML 56Page - ABB OPS2 Datasheet HTML 57Page - ABB OPS2 Datasheet HTML 58Page - ABB OPS2 Datasheet HTML 59Page - ABB OPS2 Datasheet HTML 60Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 192 page
background image
—
Accessories for manual switch-disconnectors OT16...160
Ordering information for conversion kits
OTZW24
OTZW17
Mechanical interlock
—
By-pass switch mechanism
A combination of two switches in parallel with a third switch for change-over operation
to by-pass, for example, a breaker for maintenance. Three 3 or 4-pole switches needed.
The mechanism is lockable in O-position.
Suitable for switches
Shaft distance
Type
Order code
Weight/
unit
mm
kg
OT16...125
Between 1 and 2: 90+(0...6)x15
Between 1 and 3: 90+(0...10)x15
OTZW17
1SCA022387R1620
0.88
OT160G
Between 1 and 2: 210+(0...9)x20
Between 1 and 3: 250+(0...9)x20
OTZW26
1SCA022778R7060
3.30
See the table of the handles and shafts included in the conversion kits on the following spread.
—
Mechanical interlock mechanism
Prevents one switch from moving to ON-position, if the other is not in OFF-position.
When mounted upside down, prevents one switch from moving to OFF-position,
if the other is not in ON-position. (UPS-usage, make-before-break).
Suitable for switches
Shaft distance
Type
Order code
Weight/
unit
mm
kg
OT16...125
100
OTZW24
1SCA022639R5610
0.08
OT160G
OTZW10
1SCA022431R5280
1
See the table of the handles and shafts included in the conversion kits on the following spread.
56
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
56
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION