| Moteur de recherche de fiches techniques de composants électroniques |
|
OPS2 Fiches technique(PDF) 100 Page - ABB |
|
|
|||||||||||||||||||||||||||||
OPS2 Fiches technique(HTML) 100 Page - ABB |
|
100 / 192 page ![]() — Manual switch-disconnectors OT160...4000 Dimensional drawings 83 3.27 13,5 0.53 40 1.57 15 0.59 28 1.10 232 9.13 223,2 8.79 176 6.93 103 4.05 42 1.65 50 1.97 80 3.15 80 3.15 80 3.15 3-pole: 294 / 11.57 4-pole: 374 / 14.72 131,5 5.18 50,5 1.99 3-pole: 334,5 / 13.17 4-pole: 414,5 / 16.32 158,5 6.24 96,9 3.82 167 6.57 127 5.00 237,5 9.35 308,5 12.15 6 0.24 mm in M8 83 3.27 13,5 0.53 40 1.57 15 0.59 28 1.10 232 9.13 223,2 8.79 176 6.93 103 4.05 42 1.65 50 1.97 80 3.15 80 3.15 80 3.15 3-pole: 294 / 11.57 4-pole: 374 / 14.72 131,5 5.18 50,5 1.99 3-pole: 334,5 / 13.17 4-pole: 414,5 / 16.32 158,5 6.24 96,9 3.82 167 6.57 127 5.00 237,5 9.35 308,5 12.15 6 0.24 mm in M8 83 3.27 13,5 0.53 40 1.57 15 0.59 28 1.10 232 9.13 223,2 8.79 176 6.93 103 4.05 42 1.65 50 1.97 80 3.15 80 3.15 80 3.15 3-pole: 294 / 11.57 4-pole: 374 / 14.72 131,5 5.18 50,5 1.99 3-pole: 334,5 / 13.17 4-pole: 414,5 / 16.32 158,5 6.24 96,9 3.82 167 6.57 127 5.00 237,5 9.35 308,5 12.15 6 0.24 mm in M8 15 0.59 28 1.10 232 9.13 223,2 8.79 176 6.93 103 4.06 42 1.65 83 3.27 6 0.24 13,5 0.53 40 1.57 50 1.97 80 3.15 80 3.15 164 6.46 50,5 1.99 61,3 2.41 3-pole: 395,8 / 15.58 4-pole: 475,8 / 18.73 158,5 6.24 96,9 3.82 167 6.57 127 5.00 237,5 9.35 308,5 12.15 131,5 5.18 3-pole: 294 / 11.57 4-pole: 374 / 14.72 mm in M8 15 0.59 28 1.10 232 9.13 223,2 8.79 176 6.93 103 4.06 42 1.65 83 3.27 6 0.24 13,5 0.53 40 1.57 50 1.97 80 3.15 80 3.15 164 6.46 50,5 1.99 61,3 2.41 3-pole: 395,8 / 15.58 4-pole: 475,8 / 18.73 158,5 6.24 96,9 3.82 167 6.57 127 5.00 237,5 9.35 308,5 12.15 131,5 5.18 3-pole: 294 / 11.57 4-pole: 374 / 14.72 mm in M8 15 0.59 28 1.10 232 9.13 223,2 8.79 176 6.93 103 4.06 42 1.65 83 3.27 6 0.24 13,5 0.53 40 1.57 50 1.97 80 3.15 80 3.15 164 6.46 50,5 1.99 61,3 2.41 3-pole: 395,8 / 15.58 4-pole: 475,8 / 18.73 158,5 6.24 96,9 3.82 167 6.57 127 5.00 237,5 9.35 308,5 12.15 131,5 5.18 3-pole: 294 / 11.57 4-pole: 374 / 14.72 mm in M8 OT1600 Mechanism at the end of the switch OT1600 Mechanism between the poles Main dimensions mm, inches 100 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 100 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION |