| Moteur de recherche de fiches techniques de composants électroniques |
|
OPS2 Fiches technique(PDF) 109 Page - ABB |
|
|
|||||||||||||||||||||||||||||
OPS2 Fiches technique(HTML) 109 Page - ABB |
|
109 / 192 page ![]() — Manual switch-disconnectors OT160...4000 Dimensional drawings Front operated earthing switches OT1000...2500, base mounted, IEC 13,5 0,53 22,5 11 0,89 20 0,79 40 1,57 6 0,24 OT1000-1250E_ 50 1,97 306 12,05 OT1600E_ OT800U_ OT1200U_ 372 14,65 0,43 3,27 83 42 1,65 82 3,23 116 4,57 206 8,11 109 4,29 A B M8 5/16 50 1,97 *) *) *) N3 types 50 1,97 mm in 176 55 C1 2,17 6,93 223,2 B1 8,79 1,65 42 232 27 A1 1,06 9,13 62,5 2,46 15 0,59 14 0,55 12 0,47 22 0,87 127 178 108 8 min 20 min 0,79 166,5 / 105 6,56 / 4,13 6 0,24 5 167 6,57 7,01 4,25 0,31 8 0,31 *) 167 6,57 251...380 (OXP12x280) 9,84...14,96 131,5 5,18 54 80 70 274 10,79 2,13 2,76 3,15 M07010_OT1000_1600EP A OT1000/1250/1600EP_ [mm/in] 01 02 03 04 A 174,50/6,87 254,50/10,02 334,50/13,17 B 80/3,15 80/3,15 A1134/5,28214/8,43294/11,57 374/14,72 B1164/6,46244/9,61324/12,76 404/15,91 C1 190/7,48 270/10,63 350/13,78 430/16,93 OT1000...1600EP_ Main dimensions mm, inches OT1000/1250/1600EP_ [mm/in] 01 02 03 04 A 174,50/6,87 254,50/10,02 334,50/13,17 B 80/3,15 80/3,15 A1 134/5,28 214/8,43 294/11,57 374/14,72 B1 164/6,46 244/9,61 324/12,76 404/15,91 C1 190/7,48 270/10,63 350/13,78 430/16,93 M07010_OT1000_1600EP A ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 109 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 109 |