Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OPS2 Fiches technique(PDF) 87 Page - ABB

No de pièce OPS2
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ABB [ABB]
Site Internet  http://www.abb.com
Logo ABB - ABB

OPS2 Fiches technique(HTML) 87 Page - ABB

Back Button OPS2 Datasheet HTML 83Page - ABB OPS2 Datasheet HTML 84Page - ABB OPS2 Datasheet HTML 85Page - ABB OPS2 Datasheet HTML 86Page - ABB OPS2 Datasheet HTML 87Page - ABB OPS2 Datasheet HTML 88Page - ABB OPS2 Datasheet HTML 89Page - ABB OPS2 Datasheet HTML 90Page - ABB OPS2 Datasheet HTML 91Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 192 page
background image
—
Manual switch-disconnectors OT200...2000, UL
Ordering information for non-fusible disconnect switches
—
Front operated non-fusible disconnect switches, base mounting, UL/CSA
Including terminal bolts, handle and shaft as standard.
Number
of poles
Ampere rating, 600 V AC
Type
Order code
Weight/
unit
A
kg
lb
Switch with handle and shaft
2
1600
OT1600U02P
1SCA144206R1001
38
83.8
3
1600
OT1600U03P
1SCA144207R1001
53
116.9
4
1600
OT1600U04P
1SCA144208R1001
70
154.3
3
1600
OT1600U12P
1SCA144209R1001
53
116.9
4
1600
OT1600U13P
1SCA144210R1001
70
154.3
4
1600
OT1600U22P
1SCA144211R1001
70
154.3
2
2000
OT2000U02P
1SCA144212R1001
38
83.8
3
2000
OT2000U03P
1SCA117314R1001
53
116.9
4
2000
OT2000U04P
1SCA117317R1001
70
154.3
3
2000
OT2000U12P
1SCA117333R1001
53
116.9
4
2000
OT2000U13P
1SCA117337R1001
70
154.3
4
2000
OT2000U22P
1SCA117335R1001
70
154.3
—
Shafts, pistol handles and terminal bolt kits included as standard
Suitable for switches
Shaft
Handle
Terminal bolt kits
OT1600...2000_P
OXP12X280
OHB274J12
M12X60
OT1600...2000U03P
OT1600...2000U04P
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
87
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
87