Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OPS2 Fiches technique(PDF) 35 Page - ABB

No de pièce OPS2
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ABB [ABB]
Site Internet  http://www.abb.com
Logo ABB - ABB

OPS2 Fiches technique(HTML) 35 Page - ABB

Back Button OPS2 Datasheet HTML 31Page - ABB OPS2 Datasheet HTML 32Page - ABB OPS2 Datasheet HTML 33Page - ABB OPS2 Datasheet HTML 34Page - ABB OPS2 Datasheet HTML 35Page - ABB OPS2 Datasheet HTML 36Page - ABB OPS2 Datasheet HTML 37Page - ABB OPS2 Datasheet HTML 38Page - ABB OPS2 Datasheet HTML 39Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 192 page
background image
—
Manual switch-disconnectors OT16...160
Dimensional drawings
Front operated switch-disconnectors, installation switches, base and DIN-rail mounting, IEC
OT125M
40
12
18
12
22,5
22,5
26
Ø 4,5
100
90
8,8
56
70
26,5
90
OA3L11
8
45
11
63
44
56,5
EN50022
Main dimensions mm
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
35
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
35