Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OPS2 Fiches technique(PDF) 59 Page - ABB

No de pièce OPS2
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ABB [ABB]
Site Internet  http://www.abb.com
Logo ABB - ABB

OPS2 Fiches technique(HTML) 59 Page - ABB

Back Button OPS2 Datasheet HTML 55Page - ABB OPS2 Datasheet HTML 56Page - ABB OPS2 Datasheet HTML 57Page - ABB OPS2 Datasheet HTML 58Page - ABB OPS2 Datasheet HTML 59Page - ABB OPS2 Datasheet HTML 60Page - ABB OPS2 Datasheet HTML 61Page - ABB OPS2 Datasheet HTML 62Page - ABB OPS2 Datasheet HTML 63Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 192 page
background image
—
Accessories for manual switch-disconnectors OT16...160
Ordering information for conversion kit accessories
Shafts and handles for conversion kits
Conversion
kit type
Suitable for
switches
To be ordered separately
Included in
conversion kit delivery
The standard
handle / shaft
of one of
the combined
switches
can be used
Shaft
Handle
Shaft
Handle
Shaft
Handle
6 and 8-pole switches
OWP6D40
OT16...40
x (shaft dia 6
mm)
OHBS1A_
-
-
-
-
OWP6D80
OT63...80
x (shaft dia 6
mm)
OHBS1A_
-
-
-
-
OWP6D125
OT100...125 x (shaft dia 6
mm)
OHBS1A_
-
-
-
-
OWP6D40
OT16...40
x (shaft dia 6
mm)
OHB45J6
-
-
-
-
OWP6D80
OT63...80
x (shaft dia 6
mm)
OHB45J6
-
-
-
-
OWP6D125
OT100...125 x (shaft dia 6
mm)
OHB45J6
-
-
-
-
OTZW8
OT16...125 x
x
-
-
-
-
OESAZW2
OT160
-
-
-
-
x
x
Change-over switches
OWC6D40
OT16…40
x (shaft dia 6
mm)
OHBS2AJE011 -
-
-
-
OWC6D80
OT63…80
x (shaft dia 6
mm)
OHBS2AJE011 -
-
-
-
OWC6D125
OT100...125 x (shaft dia 6
mm)
OHBS2AJE011 -
-
-
-
OWC6D40
OT16…40
x (shaft dia 6
mm)
OHB45J6E311 -
-
-
-
OWC6D80
OT63…80
x (shaft dia 6
mm)
OHB45J6E311 -
-
-
-
OWC6D125
OT100...125 x (shaft dia 6
mm)
OHB45J6E311 -
-
-
-
OESAZW1
OT160
-
-
-
-
x
x
By-pass switches
OTZW17
OT16...160 -
-
x (3 pcs)
OHB80J6E011
Mechanical interlock
OTZW24
OT16...160 -
-
-
-
x
x
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
59
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
59