Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OPS2 Fiches technique(PDF) 104 Page - ABB

No de pièce OPS2
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ABB [ABB]
Site Internet  http://www.abb.com
Logo ABB - ABB

OPS2 Fiches technique(HTML) 104 Page - ABB

Back Button OPS2 Datasheet HTML 100Page - ABB OPS2 Datasheet HTML 101Page - ABB OPS2 Datasheet HTML 102Page - ABB OPS2 Datasheet HTML 103Page - ABB OPS2 Datasheet HTML 104Page - ABB OPS2 Datasheet HTML 105Page - ABB OPS2 Datasheet HTML 106Page - ABB OPS2 Datasheet HTML 107Page - ABB OPS2 Datasheet HTML 108Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 192 page
background image
Side operated switch-disconnectors OT160...800, base mounting, IEC
—
Manual switch-disconnectors OT160...4000
Dimensional drawings
45,5
1,79
30,12
25
0,98
150
5,91
36,5
1,44
65
2,56
82
3,23
101,5
4
66
83/35,5
60,24
o
ON
O
F
F
70,5
2,78
35
1,38
Ø9
0,35
4
0,16
12
0,47
100
3,94
57
2,24
126
4,96
61,5
2,42
35
1,38
20
0,79
B (OT200/250_)
A (OT200/250_K)
34,6
M5
o
ON
O
F
F
B1
34
1,34
110
4,33
o
ON
O
F
F
41,5
1,63
84
3,31
C1
o
ON
O
F
F
26,5
1,04
114
4,49
A1
M00144/OT200-250ES01_-04_ A
OT160EV_/200E_/250E_, OT160EV_/200E/250E_K
[mm/in] ES01
ES02
ES03
ES04
A 128,5/5,06
163,5/6,44
198,5/7,82
233,5/9,2
B
111,5/4,39
146,5/5,77
181,5/7,15
216,5/8,53
A171,5/2,81106,5/4,2141,5/5,57 176,5/6,95
B186,5/3,41121,5/4,79156,5/6,16191,5/7,54
C1
101,5/4
136,5/5,38
171,5/6,75
206,5/8,14
45,5
1,79
30,12
25
0,98
150
5,91
36,5
1,44
65
2,56
82
3,23
101,5
4
66
83/35,5
60,24
o
ON
O
F
F
70,5
2,78
35
1,38
Ø9
0,35
4
0,16
12
0,47
100
3,94
57
2,24
126
4,96
61,5
2,42
35
1,38
20
0,79
B (OT200/250_)
A (OT200/250_K)
34,6
M5
o
ON
O
F
F
B1
34
1,34
110
4,33
o
ON
O
F
F
41,5
1,63
84
3,31
C1
o
ON
O
F
F
26,5
1,04
114
4,49
A1
M00144/OT200-250ES01_-04_ A
OT160EV_/200E_/250E_, OT160EV_/200E/250E_K
[mm/in] ES01
ES02
ES03
ES04
A 128,5/5,06
163,5/6,44
198,5/7,82
233,5/9,2
B
111,5/4,39
146,5/5,77
181,5/7,15
216,5/8,53
A171,5/2,81106,5/4,2141,5/5,57 176,5/6,95
B186,5/3,41121,5/4,79156,5/6,16191,5/7,54
C1
101,5/4
136,5/5,38
171,5/6,75
206,5/8,14
OT160EVS, OT200ES_ and OT250ES_
Main dimensions mm, inches
OT160EV_/200E_/250E_, OT160EV_/200E/250E_K
[mm/in] ES01
ES02
ES03
ES04
A
128,5/5,06 163,5/6,44 198,5/7,82
233,5/9,2
B
111,5/4,39
146,5/5,77
181,5/7,15
216,5/8,53
A1
71,5/2,81
106,5/4,2
141,5/5,57
176,5/6,95
B1
86,5/3,41
121,5/4,79
156,5/6,16
191,5/7,54
C1
101,5/4
136,5/5,38 171,5/6,75
206,5/8,14
M00144/OT200-250ES01_-04_ A
104
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
104
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION