Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OPS2 Fiches technique(PDF) 102 Page - ABB

No de pièce OPS2
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ABB [ABB]
Site Internet  http://www.abb.com
Logo ABB - ABB

OPS2 Fiches technique(HTML) 102 Page - ABB

Back Button OPS2 Datasheet HTML 98Page - ABB OPS2 Datasheet HTML 99Page - ABB OPS2 Datasheet HTML 100Page - ABB OPS2 Datasheet HTML 101Page - ABB OPS2 Datasheet HTML 102Page - ABB OPS2 Datasheet HTML 103Page - ABB OPS2 Datasheet HTML 104Page - ABB OPS2 Datasheet HTML 105Page - ABB OPS2 Datasheet HTML 106Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 192 page
background image
—
Manual switch-disconnectors OT160...4000
Dimensional drawings
100
3.94
126
4.96
25
0.98
13,5
0.53
40
1.57
6
0.24
99
3.90
159,4
6.28
232
9.13
223,2
8.79
176
6.93
103
4.05
42
1.65
3-pole: 472,5 / 18.60
4-pole: 598,5 / 23.56
126
4.961
73,5
2.89
308,5
12.15
237,5
9.35
127
5.00
167
6.57
129,5
5.10
3-pole: 432 / 17.01
4-pole: 558 / 21.97
28
1.10
15
0.59
85,2
3.35
OT2000...2500
Mechanism between the poles
3-pole: 432 / 17.01
4-pole: 558 / 21.97
129,5
5.10
6
0.24
25
0.98
13,5
0.53
40
1.57
232
9.13
223,2
8.79
176
6.93
15
0.59
28
1.10
42
1.65
103
4.05
100
3.94
126
4.96
126
4.96
99
3.90
159,4
6.28
73,5
2.89
3-pole: 472,5 / 18.60
4-pole 598.5 / 23.56
167
6.57
127
5.00
237,5
9.35
308,5
12.15
85,2
3.35
mm
in
OT2000...2500
Mechanism at the end of the switch
Main dimensions mm, inches
102
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
102
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION