Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OPS2 Fiches technique(PDF) 110 Page - ABB

No de pièce OPS2
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ABB [ABB]
Site Internet  http://www.abb.com
Logo ABB - ABB

OPS2 Fiches technique(HTML) 110 Page - ABB

Back Button OPS2 Datasheet HTML 106Page - ABB OPS2 Datasheet HTML 107Page - ABB OPS2 Datasheet HTML 108Page - ABB OPS2 Datasheet HTML 109Page - ABB OPS2 Datasheet HTML 110Page - ABB OPS2 Datasheet HTML 111Page - ABB OPS2 Datasheet HTML 112Page - ABB OPS2 Datasheet HTML 113Page - ABB OPS2 Datasheet HTML 114Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 192 page
background image
—
Manual switch-disconnectors OT160...4000
Dimensional drawings
Front operated earthing switches OT1000...2500, base mounted, IEC
mm
in
*)N3 types
A
B
116
42
132
100
3,94
5,2
1,65
4,57
*)
*)
50
1,97
105
4,13
M8
5/16
25
13,5/0,53
25
0,98
0,98
6
0,24
40
1,57
85
3,35
376,5
14,83
20
0,79
A1
232
27
1,06
9,14
55
C1
176
2,17
6,93
B1
223
42
8,79
1,65
14
15
376
206
131,5
62,5
12
0,47
22
0,87
0,55
5,18
8,12
14,81
2,46
0,59
6
0,24
*)
167
6,57
167
6,57
251...380 (OXP12x280)
9,84...14,96
168/107,5
6,61/4,23
8
0,31
8
0,31
178
7,01
min 20
min 0,79
127
5
108
4,25
54
80
70
274
10,79
2,13
2,76
3,15
M07011_OT2000_2500EP A
OT2000/2500EP_
[mm/in]
01
02
03
04
A
126/4,96
126/4,96
126/4,96
B 220,5/8,68 346,5/13,64 472,5/18,60 598,5/23,56
A1180/7,09306/12,05432/17,01 558/21,97
B1210/8,27336/13,23462/18,19 588/23,15
C1
236/9,29
362/14,25
488/19,21
614/24,17
OT2000...2500EP_
Main dimensions mm, inches
OT2000/2500EP_
[mm/in]
01
02
03
04
A
126/4,96
126/4,96
126/4,96
B
220,5/8,68
346,5/13,64
472,5/18,60 598,5/23,56
A1
180/7,09
306/12,05
432/17,01
558/21,97
B1
210/8,27
336/13,23
462/18,19
588/23,15
C1
236/9,29
362/14,25
488/19,21
614/24,17
M07011_OT2000_2500EP A
110
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
110
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION