Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OPS2 Fiches technique(PDF) 81 Page - ABB

No de pièce OPS2
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ABB [ABB]
Site Internet  http://www.abb.com
Logo ABB - ABB

OPS2 Fiches technique(HTML) 81 Page - ABB

Back Button OPS2 Datasheet HTML 77Page - ABB OPS2 Datasheet HTML 78Page - ABB OPS2 Datasheet HTML 79Page - ABB OPS2 Datasheet HTML 80Page - ABB OPS2 Datasheet HTML 81Page - ABB OPS2 Datasheet HTML 82Page - ABB OPS2 Datasheet HTML 83Page - ABB OPS2 Datasheet HTML 84Page - ABB OPS2 Datasheet HTML 85Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 192 page
background image
Front operated switch-disconnectors OT1000...4000, base mounting, IEC
Including a black Test-OFF-ON plastic direct mount handle and shaft as standard.
The handle is padlockable in the OFF-position.
Number
of poles
Open air thermal
current Ith
Rated operat.
currents
AC22A/AC23A
400...415 V
Type
Order code
Weight/
unit
A
A/A
kg
3
1000
1000/1000
OT1000E03K
1SCA108353R1001
17.5
4
1000
1000/1000
OT1000E04K
1SCA108355R1001
21.5
3
1250
1250/1250
OT1250E03K
1SCA108356R1001
17.5
4
1250
1250/1250
OT1250E04K
1SCA108357R1001
21.5
3
1600
1600/1250
OT1600E03K
1SCA108352R1001
18.5
4
1600
1600/1250
OT1600E04K
1SCA108358R1001
21.5
3
2000
2000/-
OT2000E03K
1SCA108359R1001
42.3
4
2000
2000/-
OT2000E04K 1SCA108362R1001
47.8
3
2500
2500/-
OT2500E03K
1SCA108361R1001
42.3
4
2500
2500/-
OT2500E04K
1SCA108363R1001
48.8
Direct mount handles and terminal bolt kits included as standard
Suitable for switches
Handle
Terminal bolt kit
OT1000...1250_K
OTV1000EK
M12x50
OT1600_K
OTV1000EK
M12X60
OT2000...2500_K
OTV1000EK
M12x60
—
Manual switch-disconnectors OT160...4000, IEC
Ordering information
OT1250E04K
OT2500E03K
OT1600E03K
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
81
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
81