Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF8811U/2DA/1 Fiches technique(PDF) 67 Page - NXP Semiconductors

No de pièce PCF8811U/2DA/1
Description  80 x 128 pixels matrix LCD driver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8811U/2DA/1 Fiches technique(HTML) 67 Page - NXP Semiconductors

Back Button PCF8811U/2DA/1 Datasheet HTML 63Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 64Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 65Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 66Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 67Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 68Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 69Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 70Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 81 page
background image
PCF8811_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 27 June 2008
67 of 81
NXP Semiconductors
PCF8811
80 x 128 pixels matrix LCD driver
17. Application information
Semiconductors are light sensitive. Exposure to light sources can cause the IC to
malfunction. In this application you must protect the IC from light. The protection has to be
done on all sides of the IC, i.e. front, rear and all edges.
The pinning of the PCF8811 has an optimum design for single plane wiring e.g. for
chip-on-glass display modules. Display size: 80
× 128 pixels.
For further application information refer to NXP Semiconductors Application Note
AN10170 Design guidelines for COG modules with Philips monochrome LCD drivers.
Fig 47. Reset timing
mgw761
tVHRL
tRW
tRW
tRW
tRW
RES
VDD
RES
VDD
Fig 48. Application diagram: internal charge pump and a single supply
mgw762
DISPLAY 80
× 128 pixels
I/O
CVLCD
PCF8811
VDD
VSS
CVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81