| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF8811U/2DA/1 Fiches technique(PDF) 51 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8811U/2DA/1 Fiches technique(HTML) 51 Page - NXP Semiconductors |
|
51 / 81 page ![]() xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx Table 28. ROM look-up table with values of VOFF, VPR, VOP and VLCD VOFF[000] VOFF[001] VOFF[010] VOFF[011] VOFF[100] VOFF[101] VOFF[110] VOFF[111] VPR [5:0] VOP [7:0] VLCD (V) VPR [5:0] VOP [7:0] VLCD (V) VPR [5:0] VOP [7:0] VLCD (V) VPR [5:0] VOP [7:0] VLCD (V) VPR [5:0] VOP [7:0] VLCD (V) VPR [5:0] VOP [7:0] VLCD (V) VPR [5:0] VOP [7:0] VLCD (V) VPR [5:0] VOP [7:0] VLCD (V) 0 13 3.39 0 48 4.44 0 82 5.46 0 116 6.48 0 150 7.5 0 185 8.55 0 219 9.57 0 253 10.59 1 14 3.42 1 49 4.47 1 83 5.49 1 118 6.54 1 152 7.56 1 187 8.61 1 221 9.63 1 256 10.68 2 15 3.45 2 50 4.5 2 84 5.52 2 119 6.57 2 154 7.62 2 189 8.67 2 223 9.69 2 256 10.68 3 15 3.45 3 51 4.53 3 86 5.58 3 121 6.63 3 156 7.68 3 191 8.73 3 226 9.78 3 256 10.68 4 16 3.48 4 52 4.56 4 87 5.61 4 122 6.66 4 157 7.71 4 192 8.76 4 228 9.84 4 256 10.68 5 17 3.51 5 53 4.59 5 88 5.64 5 123 6.69 5 159 7.77 5 194 8.82 5 230 9.9 5 256 10.68 6 18 3.54 6 54 4.62 6 89 5.67 6 125 6.75 6 161 7.83 6 196 8.88 6 232 9.96 6 256 10.68 7 19 3.57 7 55 4.65 7 90 5.7 7 126 6.78 7 162 7.86 7 198 8.94 7 234 10.02 7 256 10.68 8 19 3.57 8 56 4.68 8 92 5.76 8 128 6.84 8 164 7.92 8 200 9 8 236 10.08 8 256 10.68 9 20 3.6 9 57 4.71 9 93 5.79 9 129 6.87 9 166 7.98 9 202 9.06 9 239 10.17 9 256 10.68 10 21 3.63 10 58 4.74 10 94 5.82 10 131 6.93 10 167 8.01 10 204 9.12 10 241 10.23 10 256 10.68 11 22 3.66 11 59 4.77 11 95 5.85 11 132 6.96 11 169 8.07 11 206 9.18 11 243 10.29 11 256 10.68 12 22 3.66 12 60 4.8 12 97 5.91 12 134 7.02 12 171 8.13 12 208 9.24 12 245 10.35 12 256 10.68 13 23 3.69 13 61 4.83 13 98 5.94 13 135 7.05 13 173 8.19 13 210 9.3 13 247 10.41 13 256 10.68 14 24 3.72 14 62 4.86 14 99 5.97 14 137 7.11 14 174 8.22 14 212 9.36 14 249 10.47 14 256 10.68 15 25 3.75 15 63 4.89 15 100 6 15 138 7.14 15 176 8.28 15 214 9.42 15 252 10.56 15 256 10.68 16 25 3.75 16 64 4.92 16 102 6.06 16 140 7.2 16 178 8.34 16 216 9.48 16 254 10.62 16 256 10.68 17 26 3.78 17 65 4.95 17 103 6.09 17 141 7.23 17 179 8.37 17 218 9.54 17 256 10.68 17 256 10.68 18 27 3.81 18 66 4.98 18 104 6.12 18 143 7.29 18 181 8.43 18 220 9.6 18 256 10.68 18 256 10.68 19 28 3.84 19 66 4.98 19 105 6.15 19 144 7.32 19 183 8.49 19 221 9.63 19 256 10.68 19 256 10.68 20 29 3.87 20 68 5.04 20 106 6.18 20 145 7.35 20 184 8.52 20 223 9.69 20 256 10.68 20 256 10.68 21 29 3.87 21 69 5.07 21 108 6.24 21 147 7.41 21 186 8.58 21 225 9.75 21 256 10.68 21 256 10.68 22 30 3.9 22 70 5.1 22 109 6.27 22 148 7.44 22 188 8.64 22 227 9.81 22 256 10.68 22 256 10.68 23 31 3.93 23 71 5.13 23 110 6.3 23 150 7.5 23 190 8.7 23 229 9.87 23 256 10.68 23 256 10.68 24 32 3.96 24 72 5.16 24 111 6.33 24 151 7.53 24 191 8.73 24 231 9.93 24 256 10.68 24 256 10.68 25 32 3.96 25 73 5.19 25 113 6.39 25 153 7.59 25 193 8.79 25 233 9.99 25 256 10.68 25 256 10.68 26 33 3.99 26 74 5.22 26 114 6.42 26 154 7.62 26 195 8.85 26 235 10.05 26 256 10.68 26 256 10.68 27 34 4.02 27 75 5.25 27 115 6.45 27 156 7.68 27 196 8.88 27 237 10.11 27 256 10.68 27 256 10.68 28 35 4.05 28 76 5.28 28 116 6.48 28 157 7.71 28 198 8.94 28 239 10.17 28 256 10.68 28 256 10.68 |