Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF8811U/2DA/1 Fiches technique(PDF) 55 Page - NXP Semiconductors

No de pièce PCF8811U/2DA/1
Description  80 x 128 pixels matrix LCD driver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8811U/2DA/1 Fiches technique(HTML) 55 Page - NXP Semiconductors

Back Button PCF8811U/2DA/1 Datasheet HTML 51Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 52Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 53Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 54Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 55Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 56Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 57Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 58Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 81 page
background image
PCF8811_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 27 June 2008
55 of 81
NXP Semiconductors
PCF8811
80 x 128 pixels matrix LCD driver
You can calculate the VLCD at a specific temperature for both command sets. VLCD (atT=
TCUT) is given by Equation 4 or Equation 5 depending on the command set which is used.
(6)
In the extended command set and basic command set 8 different temperature coefficients
are available; see Figure 37.
The typical values of the different temperature coefficients are given in Section 15. The
coefficients are proportional to the programmed VLCD.
The basic and extended command set differ in the way that the temperature coefficients
can be accessed. In the basic command set only one temperature coefficient is available.
However, the possibility exists to program the default temperature coefficient by means of
OTP programming; see Section 18. In the extended command set the different
temperature coefficients are selected by the interface with three bits TC[2:0].
Fig 37. Temperature coefficients
V
LCD T
()
V
LCD T
T
CUT
=
()
1T
T
CUT
–
() TC
×
+
[]
×
=
mgw754
VLCD
TCUT
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81