Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF8811U/2DA/1 Fiches technique(PDF) 36 Page - NXP Semiconductors

No de pièce PCF8811U/2DA/1
Description  80 x 128 pixels matrix LCD driver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8811U/2DA/1 Fiches technique(HTML) 36 Page - NXP Semiconductors

Back Button PCF8811U/2DA/1 Datasheet HTML 32Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 33Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 34Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 35Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 36Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 37Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 38Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 39Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 81 page
background image
PCF8811_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 27 June 2008
36 of 81
NXP Semiconductors
PCF8811
80 x 128 pixels matrix LCD driver
The data pointer is automatically updated and the data is directed to the intended
PCF8811 device. If the D/C bit of the last control byte was set to logic 0, these command
bytes will be decoded and the setting of the device will be changed according to the
received commands. The acknowledgement after each byte is made only by the
addressed PCF8811. At the end of the transmission the I2C-bus master issues a STOP
condition (P) and switches back to the F/S-mode, however, to reduce the overhead of the
master code, it is possible that a master can link a number of Hs-mode transfers,
separated by repeated START conditions (Sr).
11.3 Command decoder
The command decoder identifies command words that are received on the I2C-bus:
• pairs of bytes: information in second byte, first byte determines whether information is
display or instruction data
• Stream of information bytes after Co = 0: display or instruction data depending on last
D/C
The most significant bit of a control byte is the continuation bit Co. If this bit is at logic 1, it
indicates that only one data byte, either command or RAM data, will follow. If this bit is at
logic 0, it indicates that a series of data bytes, either command or RAM data, may follow.
The DB6 bit of a control byte is the RAM data/command bit D/C. When this bit is at logic 1,
it indicates that a RAM data byte will be transferred next. If the bit is at logic 0, it indicates
that a command byte will be transferred next.
12. Instructions
The PCF8811 interfaces via an 8-bit parallel interface, two different 3-line serial interfaces,
a 4-wire serial interface or an I2C-bus interface. Processing of the instructions does not
require the display clock.
Data accesses to the PCF8811 can be broken down into two areas: those that define the
operating mode of the device, and those that fill the display RAM.
In the case of the parallel and 4-wire SPI interfaces, the distinction is the D/C pad. When
the D/C pad is at logic 0, the chip will respond to instructions as defined in Table 10. When
the D/C bit is at logic 1, the chip will send data to the RAM.
When the 3-wire SPI, the 3-wire serial interface or the I2C-bus interface is used, the
distinction between instructions which define the operating mode of the device and those
that fill the display RAM, is made respectively by the display data length instruction (3-line
SPI) or by the D/C bit in the data stream (3-line serial interface and I2C-bus interface).
There are 4 types of instructions. Those which:
1. Define the PCF8811 functions, such as display configuration etc.
2. Set internal RAM addresses
3. Perform data transfer with internal RAM
4. Others.
In normal use, category 3 instructions are used most frequently.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81