Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF8811U/2DA/1 Fiches technique(PDF) 33 Page - NXP Semiconductors

No de pièce PCF8811U/2DA/1
Description  80 x 128 pixels matrix LCD driver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8811U/2DA/1 Fiches technique(HTML) 33 Page - NXP Semiconductors

Back Button PCF8811U/2DA/1 Datasheet HTML 29Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 30Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 31Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 32Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 33Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 34Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 35Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 36Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 81 page
background image
PCF8811_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 27 June 2008
33 of 81
NXP Semiconductors
PCF8811
80 x 128 pixels matrix LCD driver
of the acknowledge-related clock pulse (set-up and hold times must be taken into
consideration). A master receiver must signal an end-of-data to the transmitter by not
generating an acknowledge on the last byte that has been clocked out of the slave. In this
event the transmitter must leave the data line HIGH to enable the master to generate a
STOP condition.
11.2 I2C-bus Hs-mode protocol
The PCF8811 is a slave receiver/transmitter. If data is to be read from the device, the
SDAH pad must be connected, otherwise the SDAH pad is unused.
Hs-mode can only commence after the following conditions:
• START condition (S)
• 8-bit master code (0000 1xxx)
• Not-acknowledge bit (A)
The master code has two functions: it allows arbitration and synchronization between
competing masters at F/S-mode speeds, resulting in one winner. The master code also
indicates the beginning of an Hs-mode transfer. These conditions are shown in Figure 29
and Figure 30.
Fig 28. Acknowledge on the I2C-bus
mbc602
S
START
condition
9
8
2
1
clock pulse for
acknowledgement
not acknowledge
acknowledge
data output
by transmitter
data output
by receiver
SCL from
master
Fig 29. Data transfer format in Hs-mode
F/S-mode
Hs-mode (current-source for SCLH enabled)
F/S-mode
msc616
A
A
A/A
DATA
(n bytes + ack.)
S
R/W
MASTER CODE
Sr
SLAVE ADD.
Hs-mode continues
Sr SLAVE ADD.
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81