| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF8811U/2DA/1 Fiches technique(PDF) 35 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8811U/2DA/1 Fiches technique(HTML) 35 Page - NXP Semiconductors |
|
35 / 81 page ![]() PCF8811_4 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 04 — 27 June 2008 35 of 81 NXP Semiconductors PCF8811 80 x 128 pixels matrix LCD driver After the acknowledgement cycle of a write (W), one or more command words will follow which define the status of the addressed slaves. A command word consists of a control byte, which defines continuation bit Co and D/C, plus a data byte; see Figure 31 and Table 9. The last control byte is initiated by bit Co (a cleared MSB). The control and data bytes are also acknowledged by all addressed slaves on the bus. A read sequence is shown in Figure 32 and again this sequence follows after the Hs-mode is selected. The PCF8811 will immediately start to output the requested data until a not-acknowledge is transmitted by the master. Before the read access, the user has to set the D/C bit to the appropriate value by a preceding write access. The write access must be terminated by a RESTART condition so that the Hs-mode is not disabled. After the last control byte, depending on the D/C bit setting, either a series of display data bytes or command data bytes may follow. If the D/C bit was set to logic 1, these display bytes are stored in the display RAM at the address specified by the data pointer. Fig 31. Master transmits in Hs-mode to slave receiver; write mode mgw749 Sr 01111 S A 0 S A 1 0A acknowledge from PCF8811 acknowledge from PCF8811 acknowledge from PCF8811 acknowledge from PCF8811 acknowledge from PCF8811 1 control byte A data byte data byte n ≥ 0 bytes 1 byte slave address MSB . . . . . . . . . . . LSB 2n ≥ 0 bytes A Co Co 0A A P control byte D/C D/C R/W Table 9. Co and D/C definitions Bit Logic state R/W Action Co 0 N/A last control byte to be sent; only a stream of data bytes are allowed to follow; this stream may only be terminated by a STOP or RESTART condition 1N/A another control byte will follow the data byte unless a STOP or RESTART condition is received D/C 0 0 data byte will be decoded and used to set-up the device 1 data byte will return the status byte 1 0 data byte will be stored in the display RAM 1 RAM read back is not supported Fig 32. Master receives from slave transmitter (status register is read); read mode mgw750 Sr 01111 S A 0 S A 1 1A acknowledge from PCF8811 not-acknowledge from master status information A slave address STOP condition P R/W |