| Moteur de recherche de fiches techniques de composants électroniques |
|
ORSPI4 Fiches technique(PDF) 26 Page - Lattice Semiconductor |
|
|
|||||||||||||||||||||||||||||
ORSPI4 Fiches technique(HTML) 26 Page - Lattice Semiconductor |
|
26 / 263 page ![]() Lattice Semiconductor ORCA ORSPI4 Data Sheet 26 The bit ordering in the data format in the 128-bit aggregation mode is shown in Figure 9. The first byte of a packet is always byte 0 of the 128-bit word. As shown in the figure, SOP is always aligned to the most significant 64-bit Word 0 of a 2-word burst. SOP is always aligned to byte 0 of the 128-bit word. Figure 9. Byte and Bit Ordering in 128-Bit Mode 31 23 15 7 0 Byte12 Byte 13 Byte 14 Byte 15 63 55 47 39 32 Byte 8 Byte 9 Byte 10 Byte 11 95 87 79 71 64 Byte 4 Byte 5 Byte 6 Byte 7 127 119 111 103 96 Byte 0 Byte 1 Byte 2 Byte 3 Clock 1 Word 0 SPI[A,B]_RX128_SOP 127 0 95 63 31 DPRAM FPGA Word 0 Time SPI[A,B]_RX128_DATA[127:0] SPI[A,B]_TX128_DATA[127:0] or SPI[A,B]_TX128_SOP |