| Moteur de recherche de fiches techniques de composants électroniques |
|
ORSPI4 Fiches technique(PDF) 64 Page - Lattice Semiconductor |
|
|
|||||||||||||||||||||||||||||
ORSPI4 Fiches technique(HTML) 64 Page - Lattice Semiconductor |
|
64 / 263 page ![]() Lattice Semiconductor ORCA ORSPI4 Data Sheet 64 Figure 25. Dummy Write Requirement for MIN_BURST_MODE (64-Bit Mode) If EOP occurs in any write EXCEPT last two writes for a given BURST_VAL, must include 1 dummy write before terminating writes for the port 1 2 n 64-bit EOP OK n-2 64-bit DUMMY WRITE n-1 EOP OK . . . Dummy Write: SPI[A,B]_TX64_ERR_j = 1 SPI[A,B]_TX64_EOP_j = 0 SPI[A,B]_TX64_BE_j(7:0) = 0xFF SPI[A,B]_TX64_DATA = Donít Care If EOP occurs in last two writes as defined by the BURST_VAL, then no dummy write is required BURST_VAL = n |