Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ORSPI4 Fiches technique(PDF) 175 Page - Lattice Semiconductor

No de pièce ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LATTICE [Lattice Semiconductor]
Site Internet  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Fiches technique(HTML) 175 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 171Page - Lattice Semiconductor ORSPI4 Datasheet HTML 172Page - Lattice Semiconductor ORSPI4 Datasheet HTML 173Page - Lattice Semiconductor ORSPI4 Datasheet HTML 174Page - Lattice Semiconductor ORSPI4 Datasheet HTML 175Page - Lattice Semiconductor ORSPI4 Datasheet HTML 176Page - Lattice Semiconductor ORSPI4 Datasheet HTML 177Page - Lattice Semiconductor ORSPI4 Datasheet HTML 178Page - Lattice Semiconductor ORSPI4 Datasheet HTML 179Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
175
Table 53. ORSPI4 SERDES Worst Case Power Table
1. With all channels operating, Temperature: -40
°C to 125°C, Power Supplies: VDD_ANA, VDDIB, VDDOB = 1.575V, Data Pattern: PRBS 2^31-1
2. With ORSPI4 CML output buffers connected to ORSPI4 CML input buffers. Actual power dissipation can vary depending on the termination
used.
Parameter
Operating
Frequency
VDD15
1, 2
Units
SERDES, MUX/DEMUX, Align FIFO and I/O (per channel)
1.25 GHz
195
mW
SERDES, MUX/DEMUX, Align FIFO and I/O (per channel)
2.5 GHz
210
mW
SERDES, MUX/DEMUX, Align FIFO and I/O (per channel)
3.125 GHz
225
mW
8b/10b Encoder/Decoder (per channel)
3.125 GHz
50
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More