| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7058 Fiches technique(PDF) 105 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7058 Fiches technique(HTML) 105 Page - ams-OSRAM AG |
|
105 / 199 page ![]() AS7058 Register description Datasheet • PUBLIC • Document Feedback DS001077 • v2-00 • 2025-Sep-24 105 / 199 / 8.6.12 LED6_ICTRL (Address 0x4b) Table 71: LED6_ICTRL register Addr: 0x4b LED6_ICTRL Bit Bit name Default Access Bit description 7:0 led6_ictrl 0 RW LED output current control of driver 2 for pin LED6. 8.6.13 LED7_ICTRL (Address 0x4c) Table 72: LED7_ICTRL register Addr: 0x4c LED7_ICTRL Bit Bit name Default Access Bit description 7:0 led7_ictrl 0 RW LED output current control of driver 2 for pin LED7. 8.6.14 LED8_ICTRL (Address 0x4d) Table 73: LED8_ICTRL register Addr: 0x4d LED8_ICTRL Bit Bit name Default Access Bit description 7:0 led8_ictrl 0 RW LED output current control of driver 2 for pin LED8. |