Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7058 Fiches technique(PDF) 103 Page - ams-OSRAM AG

No de pièce AS7058
Description  IC for PPG, ECG and body impedance measurement
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7058 Fiches technique(HTML) 103 Page - ams-OSRAM AG

Back Button AS7058 Datasheet HTML 99Page - ams-OSRAM AG AS7058 Datasheet HTML 100Page - ams-OSRAM AG AS7058 Datasheet HTML 101Page - ams-OSRAM AG AS7058 Datasheet HTML 102Page - ams-OSRAM AG AS7058 Datasheet HTML 103Page - ams-OSRAM AG AS7058 Datasheet HTML 104Page - ams-OSRAM AG AS7058 Datasheet HTML 105Page - ams-OSRAM AG AS7058 Datasheet HTML 106Page - ams-OSRAM AG AS7058 Datasheet HTML 107Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 199 page
background image
AS7058
Register description
Datasheet • PUBLIC • Document Feedback
DS001077 • v2-00 • 2025-Sep-24
103 / 199
/
8.6.5
LED_DRV1 (Address 0x44)
Table 64: LED_DRV1 register
Addr: 0x44
LED_DRV1
Bit
Bit name
Default
Access
Bit description
4
drv1_fast_tr
0
RW
Switching time of LED Driver 1
0: Normal switching
1: Fast switching
3:0
drv1_bias
0
RW
Bias current register for LED driver 1. Do not change
default register setting.
8.6.6
LED_DRV2 (Address 0x45)
Table 65: LED_DRV2 register
Addr: 0x45
LED_DRV2
Bit
Bit name
Default
Access
Bit description
4
drv2_fast_tr
0
RW
Switching time of LED Driver 2
0: Normal switching
1: Fast switching
3:0
drv2_bias
0
RW
Bias current register for LED driver 2. Do not change
default register setting.
8.6.7
LED1_ICTRL (Address 0x46)
Table 66: LED1_ICTRL register
Addr: 0x46
LED1_ICTRL
Bit
Bit name
Default
Access
Bit description
7:0
led1_ictrl
0
RW
LED output current control of driver 1 for pin LED1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More