| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7058 Fiches technique(PDF) 102 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7058 Fiches technique(HTML) 102 Page - ams-OSRAM AG |
|
102 / 199 page ![]() AS7058 Register description Datasheet • PUBLIC • Document Feedback DS001077 • v2-00 • 2025-Sep-24 102 / 199 / 8.6.3 VCSEL_MODE (Address 0x42) Table 62: VCSEL_MODE register Addr: 0x42 VCSEL_MODE Bit Bit name Default Access Bit description 7 vcsel_mode 255 RW Setting mode for LED pin 8. 0: LED mode 1: VCSEL mode 6 RW Setting mode for LED pin 7, explanation at bit 7. 5 RW Setting mode for LED pin 6, explanation at bit 7. 4 RW Setting mode for LED pin 5, explanation at bit 7. 3 RW Setting mode for LED pin 4, explanation at bit 7. 2 RW Setting mode for LED pin 3, explanation at bit 7. 1 RW Setting mode for LED pin 2, explanation at bit 7. 0 RW Setting mode for LED pin 1, explanation at bit 7. 8.6.4 LED_CFG (Address 0x43) Table 63: LED_CFG register Addr: 0x43 LED_CFG Bit Bit name Default Access Bit description 0 led_wd_disable 0 RW Disable the LED Watchdog 0: Watchdog active 1: Watchdog inactive |