| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7058 Fiches technique(PDF) 104 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7058 Fiches technique(HTML) 104 Page - ams-OSRAM AG |
|
104 / 199 page ![]() AS7058 Register description Datasheet • PUBLIC • Document Feedback DS001077 • v2-00 • 2025-Sep-24 104 / 199 / 8.6.8 LED2_ICTRL (Address 0x47) Table 67: LED2_ICTRL register Addr: 0x47 LED2_ICTRL Bit Bit name Default Access Bit description 7:0 led2_ictrl 0 RW LED output current control of driver 1 for pin LED2. 8.6.9 LED3_ICTRL (Address 0x48) Table 68: LED3_ICTRL register Addr: 0x48 LED3_ICTRL Bit Bit name Default Access Bit description 7:0 led3_ictrl 0 RW LED output current control of driver 1 for pin LED3. 8.6.10 LED4_ICTRL (Address 0x49) Table 69: LED4_ICTRL register Addr: 0x49 LED4_ICTRL Bit Bit name Default Access Bit description 7:0 led4_ictrl 0 RW LED output current control of driver 1 for pin LED4. 8.6.11 LED5_ICTRL (Address 0x4a) Table 70: LED5_ICTRL register Addr: 0x4a LED5_ICTRL Bit Bit name Default Access Bit description 7:0 led5_ictrl 0 RW LED output current control of driver 2 for pin LED5. |