| Moteur de recherche de fiches techniques de composants électroniques |
|
L9300 Fiches technique(PDF) 104 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9300 Fiches technique(HTML) 104 Page - STMicroelectronics |
|
104 / 178 page ![]() [13] GPO OVC (On state diag): 0: No Fault 1: GPO Over Current Reset events: VB_UV, GND_LOSS, POR, DATA READ [12] GPO STG (Off state diag): 0: No Fault 1: GPO Short To Ground Reset events: VB_UV, GND_LOSS, POR, RES1, DATA READ [11] VDS Pump Pre Driver Fault: 0: Pump Normal Load 1: Pump Overload Reset events: VB_UV, GND_LOSS, POR, RES1, DATA READ [10] VDDx OV/UV Self Test: 0: Pass 1: Failed Reset events: VB_UV, GND_LOSS, POR, DATA READ [9] VDD4 OVER VOLTAGE: 0: No Over Voltage 1: Over Voltage Reset events: VB_UV, GND_LOSS, POR, DATA READ [8] VDD3 OVER VOLTAGE: 0: No Over Voltage 1: Over Voltage Reset events: VB_UV, GND_LOSS, POR, DATA READ [7] VDD4 UNDER VOLTAGE: 0: Vdd4 Nominal 1: Vdd4 UV Reset events: VB_UV, GND_LOSS, POR, DATA READ [6] VDD3 UNDER VOLTAGE: 0: Vdd3 Nominal 1: Vdd3 UV Reset events: VB_UV, GND_LOSS, POR, DATA READ [5] T_SD_VDD1: 0: No Overtemp 1: Overtemp Reset events: VB_UV, GND_LOSS, POR, DATA READ [4] VDD1 OVER CURRENT: 0: Vdd1 Normal Load 1: Vdd1 Overload Reset events: VB_UV, GND_LOSS, POR, DATA READ [3] CP UNDER VOLTAGE: 0: CP Nominal 1: CP UV Reset events: VB_UV, GND_LOSS, POR, DATA READ L9300 SPI interface and register mapping DS12258 - Rev 5 page 104/178 |