Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9300 Fiches technique(PDF) 106 Page - STMicroelectronics

No de pièce L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Fiches technique(HTML) 106 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 102Page - STMicroelectronics L9300 Datasheet HTML 103Page - STMicroelectronics L9300 Datasheet HTML 104Page - STMicroelectronics L9300 Datasheet HTML 105Page - STMicroelectronics L9300 Datasheet HTML 106Page - STMicroelectronics L9300 Datasheet HTML 107Page - STMicroelectronics L9300 Datasheet HTML 108Page - STMicroelectronics L9300 Datasheet HTML 109Page - STMicroelectronics L9300 Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 178 page
background image
SERVFLTMSK
Service Fault Mask
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
R
RW
RW
RW
RW
RW
RW
RW
Address:
GLOBAL_BaseAddress + 0xC
Type:
RW
Reset:
0b0000 0000 0000 0101 1111
Description:
Service Fault Mask register is an active Hi Mask register for Service Faults
Setting mask bit disables corresponding service from generating interrupt on GPO (when enabled).
[19:7] unused
[6] E_WD_LOAD_DIS_GPO:
0: Fault generates interrupt on GPO
1: Fault does not generates interrupt on GPO
Reset events: VB_UV, GND_LOSS, POR, RES1
[5] Mask CRC error on trimming data: (Service Fault[17]).
0: Unmask.
1: Mask
Reset events: VB_UV, GND_LOSS, POR, RES1
[4] E_EN_GPO:
0: Fault generates interrupt on GPO
1: Fault does not generates interrupt on GPO
Reset events: VB_UV, GND_LOSS, POR, RES1
[3] E_FSPI_GPO:
0: Fault generates interrupt on GPO
1: Fault does not generates interrupt on GPO
Reset events: VB_UV, GND_LOSS, POR, RES1
[2] E_FVBO_GPO:
0: Fault generates interrupt on GPO
1: Fault does not generates interrupt on GPO
Reset events: VB_UV, GND_LOSS, POR, RES1
[1] E_VDD2/TRK_TH_GPO:
0: Fault generates interrupt on GPO
1: Fault does not generates interrupt on GPO
Reset events: VB_UV, GND_LOSS, POR, RES1
L9300
SPI interface and register mapping
DS12258 - Rev 5
page 106/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More