Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9300 Fiches technique(PDF) 79 Page - STMicroelectronics

No de pièce L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Fiches technique(HTML) 79 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 75Page - STMicroelectronics L9300 Datasheet HTML 76Page - STMicroelectronics L9300 Datasheet HTML 77Page - STMicroelectronics L9300 Datasheet HTML 78Page - STMicroelectronics L9300 Datasheet HTML 79Page - STMicroelectronics L9300 Datasheet HTML 80Page - STMicroelectronics L9300 Datasheet HTML 81Page - STMicroelectronics L9300 Datasheet HTML 82Page - STMicroelectronics L9300 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 178 page
background image
Figure 48. Reset latch block diagram
GADG0408170955PS
Reset-Latch function can be enabled or disabled setting bit17 (Enable Reset-Latch) in Service Enable register.
Default value for bit17 after power depends on ASIC configuration pin: it is 0 (function disabled) in case CONFIG
pin is high and 1 (function enabled) in case CONFIG pin is low.
If Reset-Latch function is enabled then RES1 is latched in “low” state condition after 4 counts of WD_fault
generation. Watchdog fault counter can be cleared by the following events:
•
POR
•
rising edge on WAKE pin
•
VDD3 undervoltage
•
VDD4 undervoltage.
L9300
PRUN watchdog
DS12258 - Rev 5
page 79/178