Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9300 Fiches technique(PDF) 108 Page - STMicroelectronics

No de pièce L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Fiches technique(HTML) 108 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 104Page - STMicroelectronics L9300 Datasheet HTML 105Page - STMicroelectronics L9300 Datasheet HTML 106Page - STMicroelectronics L9300 Datasheet HTML 107Page - STMicroelectronics L9300 Datasheet HTML 108Page - STMicroelectronics L9300 Datasheet HTML 109Page - STMicroelectronics L9300 Datasheet HTML 110Page - STMicroelectronics L9300 Datasheet HTML 111Page - STMicroelectronics L9300 Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 178 page
background image
TEMPSENS
Temperature sensor
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Address:
GLOBAL_BaseAddress + 0xD
Type:
R
Reset:
0b00XX XXXX X000 0000 0000
Description:
Register provides thermal sensor temperature code and overtemperature flag of the analog references
[19:18] unused
[17:15] Silicon ID_HW_rev: Tracks major silicon revision starting from revision C = 000.
At each silicon revision counter is incremented.
Reset events: POR
[14:12] Silicon ID_Metal_rev: Tracks minor silicon revision starting from revision A = 000.
At each silicon revision counter is incremented
Reset events: POR
[11] WD_DIS_echo:
Reset events: POR
[10] GND Loss Selftest:
0: Pass
1: Failed
Reset events: VB_UV, GND_LOSS, POR, DATA_READ
[9] GND_A Loss Selftest:
0: Pass
1: Failed
Reset events: VB_UV, GND_LOSS, POR, DATA_READ
[8] T_SD_int:
Reset events: VB_UV, GND_LOSS, POR, DATA_READ
[7:0] Die Temperature Monitor:
((N/255)*305)-85 °C
Reset events: POR
L9300
SPI interface and register mapping
DS12258 - Rev 5
page 108/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More